Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6505 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6505
Description  Dual Trip SOT Temperature Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6505 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6505 Datasheet HTML 4Page - Maxim Integrated Products MAX6505 Datasheet HTML 5Page - Maxim Integrated Products MAX6505 Datasheet HTML 6Page - Maxim Integrated Products MAX6505 Datasheet HTML 7Page - Maxim Integrated Products MAX6505 Datasheet HTML 8Page - Maxim Integrated Products MAX6505 Datasheet HTML 9Page - Maxim Integrated Products MAX6505 Datasheet HTML 10Page - Maxim Integrated Products MAX6505 Datasheet HTML 11Page - Maxim Integrated Products MAX6505 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Dual Trip SOT Temperature Switches
_______________________________________________________________________________________
9
+2.5V TO +5.5V
S1
S0
WARN
GND
FAN
VCC
VCC
ALARM
MAX6506
+2.5V TO +5.5V
S0
OVER
GND
VCC
MAX6508
OK
+2.5V TO +5.5V
S1
S0
WARN
GND
VCC
ALARM
MAX6505
INT
SHDN
R1
R2
GND
VCC
µP
INT
GND
VCC
µP
FAN
VCC
INT
GND
VCC
µP
Typical Operating Circuits
PART
OUTPUT LOGIC
OUTPUT STAGE
TEMPERATURE THRESHOLD
RANGE
MAX6505
ALARM, WARN
Open Drain
-40
°C to +125°C
MAX6506
ALARM, WARN
Push-Pull
-40
°C to +125°C
MAX6507
OVER, OK
Open Drain
-40
°C to +125°C
MAX6508
OVER, OK
Push-Pull
-40
°C to +125°C
Selector Guide


Similar Part No. - MAX6505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6505 MAXIM-MAX6505 Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
MAX6505UT MAXIM-MAX6505UT Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
More results

Similar Description - MAX6505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
   Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
MAX6511 MAXIM-MAX6511 Datasheet
589Kb / 8P
   Low-Cost, Remote SOT Temperature Switches
Rev 2; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com