Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6422US29-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6422US29-T
Description  Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6422US29-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6422US29-T Datasheet HTML 1Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 2Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 3Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 4Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 5Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 6Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 7Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 8Page - Maxim Integrated Products MAX6422US29-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6340/MAX6421–MAX6426 low-power micro-
processor supervisor circuits monitor system voltages
from 1.6V to 5V. These devices perform a single function:
they assert a reset signal whenever the VCC supply volt-
age falls below its reset threshold. The reset output
remains asserted for the reset timeout period after VCC
rises above the reset threshold. The reset timeout is exter-
nally set by a capacitor to provide more flexibility.
The MAX6421/MAX6424 have an active-low, push-
pull reset output. The MAX6422 has an active-high,
push-pull reset output and the MAX6340/MAX6423/
MAX6425/MAX6426 have an active-low, open-drain
reset output. The MAX6421/MAX6422/MAX6423 are
offered in 4-pin SC70 or SOT143 packages. The
MAX6340/MAX6424/MAX6425/MAX6426 are available
in 5-pin SOT23-5 packages.
Applications
Portable Equipment
Battery-Powered Computers/Controllers
Automotive
Medical Equipment
Intelligent Instruments
Embedded Controllers
Critical µP Monitoring
Set-Top Boxes
Computers
Features
o Monitor System Voltages from 1.6V to 5V
o Capacitor-Adjustable Reset Timeout Period
o Low Quiescent Current (1.6µA typ)
o Three RESET Output Options
Push-Pull RESET
Push-Pull RESET
Open-Drain RESET
o Guaranteed Reset Valid to VCC = 1V
o Immune to Short VCC Transients
o Small 4-Pin SC70, 4-Pin SOT143, and 5-Pin SOT23
Packages
o MAX6340 Pin Compatible with LP3470
o MAX6424/MAX6425 Pin Compatible with
NCP300–NCP303, MC33464/MC33465,
S807/S808/S809, and RN5VD
o MAX6426 Pin Compatible with PST92XX
Low-Power, SC70/SOT µP Reset Circuits with
Capacitor-Adjustable Reset Timeout Delay
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
GND
( ) ARE FOR THE MAX6422
VCC 14
SRT
MAX6421X
MAX6422X
MAX6423X
SC70
TOP VIEW
2
3
RESET
(RESET)
Pin Configurations
19-2440; Rev 2; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuit appears at end of data sheet.
Selector Guide appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6340UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6421XS_ _-T
-40°C to +125°C
4 SC70-4
MAX6421US_ _-T
-40°C to +125°C
4 SOT143-4
MAX6422XS_ _-T
-40°C to +125°C
4 SC70-4
MAX6422US_ _-T
-40°C to +125°C
4 SOT143-4
MAX6423XS_ _-T
-40°C to +125°C
4 SC70-4
MAX6423US_ _-T
-40°C to +125°C
4 SOT143-4
MAX6424UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6425UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6426UK_ _-T
-40°C to +125°C
5 SOT23-5
Note: The MAX6340/MAX6421–MAX6426 are available with fac-
tory-trimmed reset thresholds from 1.575V to 5.0V in approxi-
mately 0.1V increments. Insert the desired nominal reset
threshold suffix (from Table 1) into the blanks. There are 50 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on standard versions only (see
Standard Versions Table). Required order increment is 10,000
pieces for nonstandard versions. Contact factory for availability.
All devices are available in tape-and-reel only.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6422US29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6422US__+T MAXIM-MAX6422US__+T Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6422US__-T MAXIM-MAX6422US__-T Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6422US__-T MAXIM-MAX6422US__-T Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
More results

Similar Description - MAX6422US29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com