Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27714D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27714D
Description  High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27714D Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27714D Datasheet HTML 2Page - Texas Instruments UCC27714D Datasheet HTML 3Page - Texas Instruments UCC27714D Datasheet HTML 4Page - Texas Instruments UCC27714D Datasheet HTML 5Page - Texas Instruments UCC27714D Datasheet HTML 6Page - Texas Instruments UCC27714D Datasheet HTML 7Page - Texas Instruments UCC27714D Datasheet HTML 8Page - Texas Instruments UCC27714D Datasheet HTML 9Page - Texas Instruments UCC27714D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
UCC27714
SLUSBY6A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
7.5 Electrical Characteristics
At VDD = VHB = 15 V, VSS = VHS = 0, all voltages are with respect to COM, no load on LO and HO, –40°C < TJ < 125°C,
current are positive into and negative out of the specified terminal, over operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY BLOCK
VVDD(on)
turn-on threshold voltage of VDD
8.4
9.1
9.8
V
VVDD(off)
turn-off threshold voltage of VDD
7.9
8.6
9.3
V
VVDD(hys)
Hysteresis of VDD
0.4
0.5
-
V
turn-on threshold voltage of VHB-
VVHB(on)
7.7
8.3
9.0
V
VHS
turn-off threshold voltage of VHB-
VVHB(off)
6.7
7.25
8.05
V
VHS
VVHB(hys)
Hysteresis of VHB-VHS
0.5
1.0
-
V
Total quiescent VDD to VSS and
IQDD
HI = LI = 0 V or 5 V, DC on/off state
750
1050
µA
COM supply current
IQCOM
Quiescent VDD-COM supply current
HI = LI = 0 V or 5 V, DC on/off state
175
350
µA
IQVSS
Quiescent VDD-VSS supply current
HI = LI = 0 V or 5 V, DC on/off state
550
750
µA
HI = 0 V or 5 V, HO in DC on/off
IQBS
Quiescent HB-HS supply current
120
300
µA
state
IBL
Bootstrap Supply Leakage Current
HB = HS = 600 V
20
µA
INPUT AND ENABLE BLOCK
Input pin (HI or LI) and enable pin
VINH, VENH
1.7
2.3
2.7
V
(EN) High threshold
Input pin (HI or LI) and enable pin
VINL, VENL
1.2
1.6
2.1
V
(EN) low threshold
VINHYS,
Input pin (HI or LI) and enable pin
0.7
V
VENHYS
(EN) threshold hysteresis
IINL
HI, LI input low bias current
HI, LI = 0 V
-5
0
5
µA
IINH
HI, LI input high bias current
HI, LI = 5 V
3
65
µA
IENL
EN input low bias current
VEN = 0 V
-90
-50
µA
IENH
EN input high bias current
VEN = 5 V
-65
-25
µA
RHI
Pull-down resistor on HI input pin
400
k
Ω
RLI
Pull-down resistor on LI input pin
400
k
Ω
REN
Pull-up resistor on enable pin
200
k
Ω
OUTPUT BLOCK
VDD-VLOH
LO output high voltage
LI = 5 V, ILO = –20 mA
70
120
mV
VHB-VHOH
HO output high voltage
HI = 5 V, IHO = –20 mA
70
120
mV
VLOL
LO output low voltage
LI = 0 V, ILO = 20 mA
15
35
mV
VHOL
HO output low voltage
HI = 0 V, IHO = 20 mA
20
40
mV
RLOL,
LO, HO output pull down resistance
ILO = 20 mA, IHO = 20 mA
1.45
Ω
RHOL (1)
RLOH,
LO, HO output pull up resistance
ILO = –20 mA, IHO= –20 mA
3.75
5.8
Ω
RHOH
HO. LO output low short circuit
HI = L = 0 V, HO = LO = 15 V, PW <
IGPK-
(2)
4
A
pulsed current
10 µs
HO. LO output high short circuit
H I= LI = 5 V, HO = LO = 0 V, PW <
IGPK+
(2)
4
A
pulsed current
10 µs
(1)
ROH represents on-resistance of only the P-Channel MOSFET device in pull-up structure of UCC27714 output stage. Refer to Output
Stage
(2)
Ensured by Design, Not tested in production
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: UCC27714


Similar Part No. - UCC27714D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27710D TI1-UCC27710D Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27710DR TI1-UCC27710DR Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27714D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
   600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
logo
Texas Instruments
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com