Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS4426 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS4426
Description  DUAL LOW SIDE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS4426 Datasheet(HTML) 1 Page - International Rectifier

  IRS4426 Datasheet HTML 1Page - International Rectifier IRS4426 Datasheet HTML 2Page - International Rectifier IRS4426 Datasheet HTML 3Page - International Rectifier IRS4426 Datasheet HTML 4Page - International Rectifier IRS4426 Datasheet HTML 5Page - International Rectifier IRS4426 Datasheet HTML 6Page - International Rectifier IRS4426 Datasheet HTML 7Page - International Rectifier IRS4426 Datasheet HTML 8Page - International Rectifier IRS4426 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.irf.com
© 2010 International Rectifier
February 28, 2011
Datasheet No – 97481
IRS4426/IRS4427/IRS4428
DUAL LOW SIDE DRIVER
Features
Gate drive supply range from 6 V to 20 V
CMOS Schmitt-triggered inputs
3.3V and 5V logic compatible
Two independent gate drivers
Matched propagation delay for both channels
Outputs in phase with inputs
Leadfree, RoHS compliant
Typical Applications
General Purpose Dual Low Side Driver
DC-DC converters
Product Summary
Topology
General Driver
VOUT
6V - 20V
Io+ & I o- (typical)
2.3A & 3.3A
ton & toff (typical)
50ns & 50ns
Package Type
SOIC8N
Typical Connection Diagram


Similar Part No. - IRS4426

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
IRS4426 IRF-IRS4426 Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IRS4426 IRF-IRS4426 Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
logo
International Rectifier
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
More results

Similar Description - IRS4426

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
   Dual Low Side Driver
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
   DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
   DUAL LOW SIDE DRIVER
July 29, 2011
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
   DUAL LOW SIDE DRIVER
logo
International Rectifier
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
   DUAL LOW SIDE DRIVER
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
   DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
   DUAL LOW SIDE DRIVER
IR4426STRPBF IRF-IR4426STRPBF Datasheet
311Kb / 12P
   DUAL LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com