Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27528-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27528-Q1
Description  Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27528-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27528-Q1 Datasheet HTML 6Page - Texas Instruments UCC27528-Q1 Datasheet HTML 7Page - Texas Instruments UCC27528-Q1 Datasheet HTML 8Page - Texas Instruments UCC27528-Q1 Datasheet HTML 9Page - Texas Instruments UCC27528-Q1 Datasheet HTML 10Page - Texas Instruments UCC27528-Q1 Datasheet HTML 11Page - Texas Instruments UCC27528-Q1 Datasheet HTML 12Page - Texas Instruments UCC27528-Q1 Datasheet HTML 13Page - Texas Instruments UCC27528-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1
ENA
500 k
V
DD
2
INA
465 k
3
GND
4
INB
465 k
UVLO
8
7
6
5
ENB
OUTA
VDD
OUTB
500 k
V
DD
V
DD
V
DD
V
DD
V
DD
UCC27528-Q1
SNVSA89A – DECEMBER 2014 – REVISED MAY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The UCC27528-Q1 device represents Texas Instruments’ latest generation of dual-channel, low-side high-speed
gate driver devices featuring 5-A source- and sink current capability, industry best-in-class switching
characteristics, and many other features listed in Table 1 all of which combine to provide efficient, robust, and
reliable operation in high-frequency switching power circuits.
Table 1. UCC27528-Q1 Features and Benefits
FEATURE
BENEFIT
Best-in-class 13-ns (typical) propagation delay
Extremely low pulse-transmission distortion
Ease of paralleling outputs for higher (2×) current capability, ease of
1-ns (typical) delay matching between channels
driving parallel power switches
Expanded VDD operating range of 4.5 V to 18 V
Flexibility in system design
Expanded operating temperature range of –40 °C to 140 °C
(See the Electrical Characteristics table)
Outputs are held low in UVLO condition, which ensures predictable,
VDD UVLO protection
glitch-free operation at power up and power down
Feature which is specifically useful in passing abnormal condition
Outputs held low when the input pins (INx) are in floating condition
tests during certification
Pin-to-pin compatibility with the UCC2732x family of device from TI,
Outputs enabled when the enable pins (ENx) are in floating condition
in designs where pin 1 and pin 8 are in the floating condition
Enhanced noise immunity, higher threshold leve,l and wider
CMOS input threshold logic
hysteresis which is a function of the VDD supply voltage and ability
to employ RCD delay circuits on input pins.
The input and enable pins are able to handle voltage levels not
System simplification, specifically related to auxiliary bias supply
restricted by VDD pin bias voltage
architecture
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: UCC27528-Q1


Similar Part No. - UCC27528-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528 TI-UCC27528 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27528 TI1-UCC27528 Datasheet
2Mb / 35P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27528D TI-UCC27528D Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27528D TI1-UCC27528D Datasheet
2Mb / 35P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27528DR TI-UCC27528DR Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
More results

Similar Description - UCC27528-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27527 TI1-UCC27527_15 Datasheet
2Mb / 35P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com