Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27519A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27519A-Q1
Description  Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27519A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27519A-Q1 Datasheet HTML 2Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 3Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 4Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 5Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 6Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 7Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 8Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 9Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
UCC27518A-Q1, UCC27519A-Q1
SLVSC90B – AUGUST 2013 – REVISED AUGUST 2015
www.ti.com
8.5 Electrical Characteristics
VDD = 12 V, TA = –40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the specified
terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS CURRENTS
IN+ = VDD (UC27519A-Q1)
51
85
123
IN– = GND (UCC27518A-Q1)
IDD(off)
Startup current
VDD = 3.4 V
µA
IN– = VDD (UCC27518A-Q1)
51
70
103
IN+ = GND (UC27519A-Q1)
51
70
110
UNDERVOLTAGE LOCKOUT (UVLO)
TA = 25°C
3.85
4.2
4.57
VON
Supply start threshold
V
TA = –40°C to 140°C
3.8
4.2
4.67
Minimum operating
VOFF
3.45
3.9
4.35
V
voltage after supply start
VDD_H
Supply voltage hysteresis
0.19
0.3
0.45
V
INPUTS (IN+, IN–)
Input signal high
VIN_H
55
62
threshold
VDD = 4.5 V
%VDD
VIN_L
Input signal low threshold
31
39
VIN_HYS
Input signal hysteresis
16
Input signal high
VIN_H
55
59
threshold
VDD = 12 V
%VDD
VIN_L
Input signal low threshold
31
39
VIN_HYS
Input signal hysteresis
16
Input signal high
VIN_H
55
58
threshold
VDD = 18 V
%VDD
VIN_L
Input signal low threshold
35
38
VIN_HYS
Input signal hysteresis
17
ENABLE (EN)
Enable signal high
VEN_H
2.1
2.3
threshold
Enable signal low
VDD = 12 V
V
VEN_L
1
1.25
threshold
VEN_HYS
Enable hysteresis
0.86
SOURCE AND SINK CURRENT
Source/sink peak
ISRC/SNK
CLOAD = 0.22 µF, FSW = 1 kHz
±4
A
current(1)
OUTPUTS (OUT)
VDD = 12 V
50
90
IOUT = –10 mA
VDD–VOH High output voltage
mV
VDD = 4.5 V
60
130
IOUT = –10 mA
VDD = 12
5
11
IOUT = 10 mA
VOL
Low output voltage
mV
VDD = 4.5 V
6
12
IOUT = 10 mA
VDD = 12 V
5
7.5
IOUT = –10 mA
Output pullup
ROH
Ω
resistance(2)
VDD = 4.5 V
5.0
11
IOUT = –10 mA
(1)
Ensured by design.
(2)
ROH represents on-resistance of P-channel MOSFET in pullup structure of the output stage of the UCC27518A-Q1 and UCC27519A-Q1
device.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: UCC27518A-Q1 UCC27519A-Q1


Similar Part No. - UCC27519A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27519 TI1-UCC27519 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27519A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com