Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27518A-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27518A-Q1
Description  Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27518A-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27518A-Q1 Datasheet HTML 7Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 8Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 9Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 10Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 11Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 12Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 13Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 14Page - Texas Instruments UCC27518A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
Frequency (kHz)
VDD=4.5V
VDD=12V
VDD=15V
CLoad = 1.8 nF
G010
5
10
15
20
0
4
8
12
16
20
Supply Voltage (V)
G008
6
7
8
9
10
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8 nF
G000
14
16
18
20
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 10V
G002
0.2
0.4
0.6
0.8
1
−50
0
50
100
150
Temperature (°C)
ROL
G000
4
5
6
7
8
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8 nF
G000
UCC27518A-Q1, UCC27519A-Q1
www.ti.com
SLVSC90B – AUGUST 2013 – REVISED AUGUST 2015
Typical Characteristics (continued)
Figure 11. Output Pulldown Resistance vs Temperature
Figure 12. Rise Time vs Temperature
Figure 13. Fall Time vs Temperature
Figure 14. Input To Output Propagation Delay vs
Temperature
Figure 15. Operating Supply Current vs Frequency
Figure 16. Rise Time vs Supply Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27518A-Q1 UCC27519A-Q1


Similar Part No. - UCC27518A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518DBV TI1-UCC27518DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27518A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com