Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLL8H0514L-130 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLL8H0514L-130
Description  LDMOS driver transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLL8H0514L-130 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLL8H0514L-130_15 Datasheet HTML 2Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 3Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 4Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 5Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 6Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 7Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 8Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 9Page - NXP Semiconductors BLL8H0514L-130_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BLL8H0514L-130_0514LS-130
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 9 February 2015
6 of 13
NXP Semiconductors
BLL8H0514L(S)-130
LDMOS driver transistor
8.
Test information
VDS =50V; IDq =50mA; tp = 300 s;  = 10 %.
(1) f = 1.2 GHz
(2) f = 1.3 GHz
(3) f = 1.4 GHz
Fig 6.
Output power as a function of input power; typical values
Printed-Circuit Board (PCB) material: Duroid 6006 with
r = 6.15 and thickness = 0.64 mm.
See Table 9 for list of components.
Fig 7.
Component layout


Similar Part No. - BLL8H0514L-130_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLL8H0514L-130 AMPLEON-BLL8H0514L-130 Datasheet
942Kb / 13P
   LDMOS driver transistor
Rev. 3 ??1 September 2015
More results

Similar Description - BLL8H0514L-130_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLP7G22-10 PHILIPS-BLP7G22-10_15 Datasheet
192Kb / 16P
   LDMOS driver transistor
Rev. 2-30 May 2013
BLL6H0514L-130 NXP-BLL6H0514L-130 Datasheet
320Kb / 13P
   LDMOS driver transistor
Rev. 1-9 August 2010
BLL6H0514-25 NXP-BLL6H0514-25 Datasheet
128Kb / 12P
   LDMOS driver transistor
Rev. 04-30 March 2010
BLL6H0514L PHILIPS-BLL6H0514L_15 Datasheet
133Kb / 13P
   LDMOS driver transistor
Rev. 2-13 September 2010
BLP7G22-05 PHILIPS-BLP7G22-05_15 Datasheet
194Kb / 11P
   LDMOS driver transistor
Rev. 2-20 August 2013
logo
Ampleon Netherlands B.V...
BLL6H0514L-130 AMPLEON-BLL6H0514L-130 Datasheet
932Kb / 13P
   LDMOS driver transistor
Rev. 3 ??1 September 2015
BLL8H0514L-130 AMPLEON-BLL8H0514L-130 Datasheet
942Kb / 13P
   LDMOS driver transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLL6H0514-25 PHILIPS-BLL6H0514-25_15 Datasheet
128Kb / 12P
   LDMOS driver transistor
Rev. 04-30 March 2010
logo
Ampleon Netherlands B.V...
BLL6H0514-25 AMPLEON-BLL6H0514-25 Datasheet
880Kb / 12P
   LDMOS driver transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLP25M705 PHILIPS-BLP25M705_15 Datasheet
103Kb / 9P
   Broadband LDMOS driver transistor
Rev. 2-9 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com