Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27512-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27512-EP
Description  SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27512-EP Datasheet(HTML) 1 Page - Texas Instruments

  UCC27512-EP_15 Datasheet HTML 1Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 2Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 3Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 4Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 5Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 6Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 7Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 8Page - Texas Instruments UCC27512-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
UCC27512-EP
www.ti.com
SLUSBE3 – JUNE 2013
SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER
(WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
Check for Samples: UCC27512-EP
1
FEATURES
Low-Cost, Gate-Driver Device Offering
SUPPORTS DEFENSE, AEROSPACE,
Superior Replacement of NPN and PNP
AND MEDICAL APPLICATIONS
Discrete Solutions
Controlled Baseline
4-A Peak Source and 8-A Peak Sink
One Assembly and Test Site
Asymmetrical Drive
One Fabrication Site
Strong Sink Current Offers Enhanced
Available in Military (–55°C to 125°C)
Immunity Against Miller Turn On
Temperature Range
Fast Propagation Delays (13-ns typical)
Extended Product Life Cycle
Fast Rise and Fall Times (9-ns and 7-ns
Extended Product-Change Notification
typical)
Product Traceability
4.5-V to 18-V Single Supply Range
Outputs Held Low During VDD UVLO (ensures
DESCRIPTION
glitch free operation at power-up and power-
The UCC27512 single-channel, high-speed, low-side
down)
gate driver device is capable of effectively driving
TTL and CMOS Compatible Input Logic
MOSFET and IGBT power switches. Using a design
Threshold, (independent of supply voltage)
that
inherently
minimizes
shoot-through
current,
UCC27512 is capable of sourcing and sinking high,
Hysteretic Logic Thresholds for High Noise
peak-current pulses into capacitive loads offering rail-
Immunity
to-rail
drive
capability
and
extremely
small
Dual Input Design (choice of an inverting (IN-
propagation delay typically 13 ns.
pin) or non-inverting (IN+ pin) driver
The UCC27512 provides 4-A source, 8-A sink
configuration)
(asymmetrical drive) peak-drive current capability.
Unused Input Pin can be Used for Enable
Strong sink capability in asymmetrical drive boosts
or Disable Function
immunity against parasitic, Miller turn-on effect.
Output Held Low when Input Pins are Floating
UCC27512 is designed to operate over a wide VDD
Input Pin Absolute Maximum Voltage Levels
range of 4.5 V to 18 V and wide temperature range of
Not Restricted by VDD Pin Bias Supply
-55°C to 125°C. Internal Under Voltage Lockout
Voltage
(UVLO) circuitry on VDD pin holds output low outside
VDD operating range. The capability to operate at low
6-Pin DRS (3mm x 3 mm WSON with exposed
voltage levels such as below 5 V, along with best in
thermal pad) Package
class switching characteristics, is especially suited for
driving emerging wide band-gap power switching
APPLICATIONS
devices such as GaN power semiconductor devices.
Switch-Mode Power Supplies
DC-to-DC Converters
Companion Gate Driver Devices for Digital
Power Controllers
Solar Power, Motor Control, UPS
Gate Driver for Emerging Wide Band-Gap
Power Devices (such as GaN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27512-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512 TI1-UCC27512 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512 TI1-UCC27512 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512 TI1-UCC27512 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27512-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com