Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM6G22-30 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLM6G22-30
Description  W-CDMA 2100 MHz to 2200 MHz power MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLM6G22-30 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLM6G22-30_15 Datasheet HTML 1Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 2Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 3Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 4Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 5Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 6Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 7Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 8Page - NXP Semiconductors BLM6G22-30_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLM6G22-30_BLM6G22-30G
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 March 2011
3 of 14
NXP Semiconductors
BLM6G22-30; BLM6G22-30G
W-CDMA 2100 MHz to 2200 MHz power MMIC
4.
Block diagram
5.
Limiting values
6.
Thermal characteristics
[1]
Thermal resistance is determined under specific RF operating conditions.
Fig 2.
Block diagram of BLM6G22-30 and BLM6G22-30G
001aah621
2
VDS1
14
RF_OUTPUT/VDS2
6
RF_INPUT
9
VGS1
10
VGS2
TEMPERATURE
COMPENSATED BIAS
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
ID1
first stage drain current
-
3
A
ID2
second stage drain current
-
9
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-c)1
first stage thermal resistance
from junction to case
Tcase = 25 °C; PL =2W;
2-carrier W-CDMA
[1] 3.9
K/W
Rth(j-c)2
second stage thermal resistance
from junction to case
Tcase = 25 °C; PL =2W;
2-carrier W-CDMA
[1] 2.1
K/W


Similar Part No. - BLM6G22-30_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30(G) NXP-BLM6G22-30(G) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLM6G22-30G NXP-BLM6G22-30G Datasheet
103Kb / 12P
   W-CDMA 2100 MHz to 2200 MHz power MMIC
Rev. 03-21 November 2008
BLM6G22-30G NXP-BLM6G22-30G Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLM6G22-30_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM6G22-30 NXP-BLM6G22-30 Datasheet
103Kb / 12P
   W-CDMA 2100 MHz to 2200 MHz power MMIC
Rev. 03-21 November 2008
BLM6G10-30 NXP-BLM6G10-30 Datasheet
88Kb / 11P
   W-CDMA 900 MHz - 1000 MHz power MMIC
Rev. 01-28 August 2009
logo
Tyco Electronics
MD54-0006 MACOM-MD54-0006 Datasheet
67Kb / 4P
   Low Cost MMIC Mixer 1400 MHz - 2100 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer 1400 - 2100 MHz
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
Hittite Microwave Corpo...
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
logo
Analog Devices
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com