Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27511A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27511A-Q1
Description  Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27511A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27511A-Q1 Datasheet HTML 1Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 2Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 3Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 4Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 5Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 6Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 7Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 8Page - Texas Instruments UCC27511A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
UCC27511A-Q1
www.ti.com
SLVSCO2A – AUGUST 2014 – REVISED SEPTEMBER 2014
7.5 Electrical Characteristics
VDD = 12 V, TA = TJ = –40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the
specified terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS CURRENTS
IN+ = VDD, IN– = GND
40
100
160
I(START)
Startup current
VDD = 3.4 V
IN+ = IN– = GND or IN+ = IN– = VDD
25
75
145
µA
IN+ = GND, IN– = VDD
20
60
115
UNDERVOLTAGE LOCKOUT (UVLO)
TA = 25°C
3.91
4.2
4.5
V(ON)
Supply start threshold
TA = –40°C to 140°C
3.7
4.2
4.65
V
Minimum operating voltage
V(OFF)
3.45
3.9
4.35
after supply start
VDD(hys)
Supply voltage hysteresis
0.2
0.3
0.5
INPUTS (IN+, IN–)
Output high for IN+ pin,
VIH(IN)
Input signal high threshold
2.2
2.4
Output low for IN– pin
Output low for IN+ pin,
V
VIL(IN)
Input signal low threshold
1.0
1.2
Output high for IN– pin
Vhys(IN)
Input signal hysteresis
1
SOURCE AND SINK CURRENT
IP(SRC)
Source peak current(1)
C(LOAD) = 0.22 µF, ƒS = 1 kHz
–4
A
IP(SNK)
Sink peak current(1)
C(LOAD) = 0.22 µF, ƒS = 1 kHz
8
A
OUTPUTS (OUTH, OUTL, OUT)
VDD = 12 V
50
90
I(OUTH) = –10 mA
VOH
High output voltage
VDD = 4.5 V
60
130
I(OUTH) = –10 mA
mV
VDD = 12
5
6.5
I(OUTL) = 10 mA
VOL
Low output voltage
VDD = 4.5 V
5.5
10
I(OUTL) = 10 mA
VDD = 12 V
5
7.5
I(OUTH) = –10 mA
RO(H)
Output pullup resistance(2)
VDD = 4.5 V
5
11
I(OUTH) = –10 mA
Ω
VDD = 12 V
0.375
0.65
I(OUTL) = 10 mA
RO(L)
Output pulldown resistance
VDD = 4.5 V
0.45
0.75
I(OUTL) = 10 mA
(1)
Ensured by Design.
(2)
RO(H) represents the on-resistance of P-channel MOSFET in pullup structure of the output stage of the UCC27511A-Q1 device.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27511A-Q1


Similar Part No. - UCC27511A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511ADBVR TI1-UCC27511ADBVR Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511ADBVT TI1-UCC27511ADBVT Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
More results

Similar Description - UCC27511A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com