Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2607DSPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2607DSPBF
Description  HIGH AND LOW SIDE DRIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2607DSPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2607DSPBF Datasheet HTML 4Page - International Rectifier IRS2607DSPBF Datasheet HTML 5Page - International Rectifier IRS2607DSPBF Datasheet HTML 6Page - International Rectifier IRS2607DSPBF Datasheet HTML 7Page - International Rectifier IRS2607DSPBF Datasheet HTML 8Page - International Rectifier IRS2607DSPBF Datasheet HTML 9Page - International Rectifier IRS2607DSPBF Datasheet HTML 10Page - International Rectifier IRS2607DSPBF Datasheet HTML 11Page - International Rectifier IRS2607DSPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.irf.com
8
IRS2607DSPbF Rev22
Switching and Timing Relationships
The relationships between the input and output signals of the IRS2607D are illustrated below in Figures 3, 4. From
these figures, we can see the definitions of several timing parameters (i.e., PWIN, PWOUT, tON, tOFF, tR, and tF) associated
with this device.
LINx
(or HINx)
50%
50%
PWIN
PWOUT
10%
10%
90%
90%
tOFF
tON
tR
tF
LOx
(or HOx)
Figure 3: Switching time waveforms
Figure 4: Input/output timing diagram
Matched Propagation Delays
The IRS2607D family of HVICs is designed with propagation delay matching circuitry.
With this feature, the IC’s
response at the output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for both the
low-side channels and the high-side channels; the maximum difference is specified by the delay matching parameter
(MT). The propagation turn-on delay (tON) of the IRS2607D is matched to the propagation turn-on delay (tOFF).


Similar Part No. - IRS2607DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2607DSPBF IRF-IRS2607DSPBF Datasheet
1Mb / 25P
   HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF Datasheet
833Kb / 28P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2607DSPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com