Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2573DSPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2573DSPBF
Description  HID BALLAST CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2573DSPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2573DSPBF_15 Datasheet HTML 3Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 4Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 5Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 6Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 7Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 8Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 9Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 10Page - International Rectifier IRS2573DSPBF_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IRS2573D
www.irf.com
© 2009 International Rectifier
7
Electrical Characteristics
VCC = VB1S1 = VB2S2 = VBBSB = VBIAS = 14V +/- 0.25V, CLO1 = CLO2 = CIGN = CHO1 = CHO2 = BUCK =
1000pF, RIREF = 20kOhm, ROC = 10kOhm, ROV = 50kOhm, VRST = COM, CS = VSB, CT = TIGN = TCLK =
VSENSE = ISENSE = PCOMP = ICOMP = ZX = TOFF = COM, TA = 25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
VCCUV+
VCC Supply Undervoltage Positive Going
Threshold
9.5
10.5
11.5
VCC rising from 0V
VCCUV-
VCC Supply Undervoltage Negative
Going Threshold
8.5
9.5
10.5
VCC falling from 14V
VUVHYS
VCC Supply Undervoltage Lockout Hysteresis
0.5
1.0
1.5
V
IQCCUV
UVLO Mode VCC Quiescent Current
---
150
VCC = 9V
IQCCFLT
Fault Mode VCC Quiescent Current
---
420
µA
IQCC
Quiescent VCC Supply Current
---
3.5
---
ICCGM
General Mode VCC Supply Current
---
5.0
---
mA
VICOMP = VPCOMP = 4V,
CTOFF=1nF, CT=47nF,
CTIGN=1uF, CTCLK=0.12uF,
VSENSE=0.8V
VCLAMP1 VCC Zener Clamp Voltage
14.6
15.6
16.6
V
ICC = 10mA
Full-Bridge Floating Supply Characteristics
IQB1S1_0
Quiescent VBS Supply Current
---
50
---
VHO1 = VS1
IQB1S1_1
Quiescent VBS Supply Current
---
80
---
µA
VHO1 = VB1
VB1S1UV+
VB1S1 Supply Undervoltage Positive
Going Threshold
8.0
9.0
10.0
VB1S1 rising from 0V
VB1S1UV-
VB1S1 Supply Undervoltage Negative
Going Threshold
7.0
8.0
9.0
V
VB1S1 falling from 14V
ILKVS1
VS1 Offset Supply Leakage Current
---
---
50
VB1 = VS1 = 600V
IQB2S2_0
Quiescent VBS Supply Current
---
50
---
VHO2 = VS2
IQB2S2_1
Quiescent VBS Supply Current
---
80
---
µA
VHO2 = VB2
VB2S2UV+
VB2S2 Supply Undervoltage Positive
Going Threshold
8.0
9.0
10.0
VB2S2 rising from 0V
VB2S2UV-
VB2S2 Supply Undervoltage Negative
Going Threshold
7.0
8.0
9.0
V
VB2S2 falling from 14V
ILKVS2
VS2 Offset Supply Leakage Current
---
---
50
µA
VB2 = VS2 = 600V
Buck Floating Supply Characteristics
VCLAMP2 VBB Zener Clamp Voltage
19.8
20.8
21.8
V
IBB = 10mA
IQBBSB_0 Quiescent VBBSB Supply Current
---
360
µA
VBUCK = VSB
IBBSB
VBBSB Supply Current
---
1
---
mA
VICOMP = VPCOMP = 4V,
CTOFF = 1nF
VBBSBUV+
VBBSB Supply Undervoltage Positive
Going Threshold
8.0
9.0
10.0
VBBSB rising from 0V
VICOMP = VPCOMP = 0.5V
VBBSBUV-
VBBSB Supply Undervoltage Negative
Going Threshold
7.0
8.0
9.0
V
VBBSB falling from 14V
VICOMP = VPCOMP = 0.5V
ILKVSB
VSB Offset Supply Leakage Current
---
---
50
µA
VBB = VSB = 600V
VCS
CS pin over-current threshold
1.03
1.18
1.33
V
tBLANK
CS pin current-sensing blank time
50
120
190
ns
VICOMP = VPCOMP = 4V


Similar Part No. - IRS2573DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
More results

Similar Description - IRS2573DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com