Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7C08-55AITE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK7C08-55AITE
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7C08-55AITE Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7C08-55AITE_15 Datasheet HTML 1Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 2Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 3Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 4Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 5Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 6Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 7Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 8Page - NXP Semiconductors BUK7C08-55AITE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BUK7C08-55AITE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 17 February 2009
4 of 15
NXP Semiconductors
BUK7C08-55AITE
N-channel TrenchPLUS standard level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
03no05
0
50
100
150
0
50
100
150
200
Tj (°C)
ID
(A)
Capped at 75A due to package
03nh48
1
10
102
103
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
RDSon = VDS / ID
1 ms
tp = 10 µs
100 µs
Capped at 75 A due to package


Similar Part No. - BUK7C08-55AITE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7C08-55AITE NXP-BUK7C08-55AITE Datasheet
214Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-17 February 2009
logo
Nexperia B.V. All right...
BUK7C08-55AITE NEXPERIA-BUK7C08-55AITE Datasheet
716Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 17 February 2009
More results

Similar Description - BUK7C08-55AITE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com