Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX640CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX640CSA
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX640CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX640CSA Datasheet HTML 1Page - Maxim Integrated Products MAX640CSA Datasheet HTML 2Page - Maxim Integrated Products MAX640CSA Datasheet HTML 3Page - Maxim Integrated Products MAX640CSA Datasheet HTML 4Page - Maxim Integrated Products MAX640CSA Datasheet HTML 5Page - Maxim Integrated Products MAX640CSA Datasheet HTML 6Page - Maxim Integrated Products MAX640CSA Datasheet HTML 7Page - Maxim Integrated Products MAX640CSA Datasheet HTML 8Page - Maxim Integrated Products MAX640CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
_______________________________________________________________________________________
5
0
70
MAX639
START-UP TIME vs.
OUTPUT CURRENT
2
8
OUTPUT CURRENT (mA)
20
6
12
0
10
40
60
80
100
V+ = 5.5V
10
4
30
50
90
V+ = 9.0V
V+ = 11.5V
MEASURED FROM THE RISING EDGE
OF V+ OR SHDN TO (VOUT = 5V).
0
70
MAX640/MAX653
START-UP TIME vs.
OUTPUT CURRENT
2
8
OUTPUT CURRENT (mA)
20
6
0
10
40
60
80
100
10
4
30
50
90
V+ = 9.0V
V+ = 11.5V
V+ = 5.0V
MEASURED FROM THE RISING EDGE OF V+
OR SHDN TO (VOUT = 3.3V)(MAX640) OR
(VOUT = 3.0V)(MAX653). THE START-UP
TIME DIFFERENCE BETWEEN THE
MAX640 AND THE MAX653
IS NEGLIGIBLE.
L = 100
µH
0
30
MAX639
START-UP TIME vs.
OUTPUT CURRENT
10
30
OUTPUT CURRENT (mA)
0
5
15
25
40
20
10
20
V+ = 9.0V
V+ = 11.5V
V+ = 5.5V
MEASURED FROM THE RISING EDGE
OF V+ OR SHDN TO (VOUT = 5.0V)
L = 470
µH.
0
30
MAX640/MAX653
START-UP TIME vs.
OUTPUT CURRENT
10
30
OUTPUT CURRENT (mA)
0
5
15
25
40
20
10
20
V+ = 9.0V
V+ = 11.5V
V+ = 5.0V
MEASURED FROM THE RISING EDGE OF
V+ OR SHDN TO (VOUT = 3.3V)(MAX640)
OR (VOUT = 3.0V)(MAX653). THE
START-UP TIME DIFFERENCE BETWEEN
THE MAX640 AND THE MAX653 IS
NEGLIGIBLE.
L = 470
µH
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 3, internal feedback, L = 100µH, TA = +25°C, unless otherwise noted.)
0
7
NO-LOAD SUPPLY CURRENT vs.
INPUT VOLTAGE
40
60
INPUT VOLTAGE (V)
4
50
70
0 1
2
3
5
6
11 12
MAX639, VOUT = 5V
10
30
20
9
8
10
MAX653, VOUT = 3V


Similar Part No. - MAX640CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400-MAX6405 MAXIM-MAX6400-MAX6405 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400BS__-T MAXIM-MAX6400BS__-T Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6401 MAXIM-MAX6401 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6401BS__-T MAXIM-MAX6401BS__-T Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX640CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com