Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6355LTUT-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6355LTUT-T
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6355LTUT-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6355LTUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6355LTUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
_______________________________________________________________________________________
3
Note 1: Overtemperature limits are guaranteed by design and not production tested.
Note 2: The reset output is guaranteed to be in the correct state if either VCC3 or VCC5 is within its specified region of operation.
Note 3: The reset output(s) is asserted if either VCC5 or VCC3 drops below its associated trip point.
Note 4: Guaranteed by design. Not production tested.
Note 5: WDI is internally serviced within the watchdog timeout period if WDI is left unconnected.
Note 6: The WDI input current is specified as the average input current when the WDI input is driven high or low.
MAX6351/MAX6353/
MAX6354/MAX6356/
MAX6357/MAX6359/
MAX6360
(_Y versions only),
VCC5 > VTH5(MAX),
VCC3 > VTH3(MAX)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX63_ _ _Y, VCC5 > VTH5(MAX)
MAX63_ _ _Y, VCC5 > VTH5(MAX)
MAX63_ _L_, MAX63_ _M_, VCC5 > VTH5(MAX)
MAX63_ _L_, MAX63_ _M_, VCC5 > VTH5(MAX)
VWDI = 0
VWDI = VCC
First timeout period after reset
MAX6351/MAX6353/
MAX6354/MAX6356/
MAX6357/MAX6359/
MAX6360
(L_, M_ versions only),
VCC5 > VTH5(MAX),
VCC3 > VTH3(MAX)
VCC3 = 5V
VIL = 0.4V, VIH = 0.8VCC
µs
10
tRP
MR Minimum Pulse Width
k
32
63.5
100
MR Pull-Up Resistance
0.7VCC
2.3
VIL
0.8
MR Input
V
-20
-15
µA
120
160
WDI Input Current (Note 6)
0.7VCC
VIH
V
0.3VCC
VIL
WDI Input Threshold (Note 5)
ns
50
tWDI
WDI Pulse Width (Note 4)
1.6
2.9
4.5
sec
25.6
46.4
72.0
tWD
Watchdog Timeout Period
VCC - 1.5
0.8VCC
0 < VRISTIN < VCC5 - 0.3V
VCC5 > VTH5(MAX),
VCC3 > VTH3(MAX)
mV
2.5
RSTIN Hysteresis
nA
-25
25
IRSTIN
RSTIN Input Current
1.19
1.25
V
1.20
1.22
1.24
VRSTIN
RSTIN Input Threshold
µs
0.1
tMD
MR to Reset Delay
ns
100
MR Glitch Rejection
TA = +25°C
TA = -40°C to +85°C
ELECTRICAL CHARACTERISTICS (continued)
(VCC3 = VCC5 = +1.2V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
WATCHDOG INPUT (MAX6358/MAX6359/MAX6360)
MANUAL RESET INPUT
ADJUSTABLE RESET COMPARATOR INPUT (MAX6355/MAX6356/MAX6357)
ISOURCE = 500µA
VOH
RESET Output Voltage High
ISOURCE = 800µA
V
After first WDI falling edge
0.3VCC
VIL
VIH
VIH


Similar Part No. - MAX6355LTUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6355 MAXIM-MAX6355 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6355__UT-T MAXIM-MAX6355__UT-T Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6355__UT-T MAXIM-MAX6355__UT-T Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results

Similar Description - MAX6355LTUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com