Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138PS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSS138PS
Description  60 V, 320 mA dual N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138PS Datasheet(HTML) 3 Page - NXP Semiconductors

  BSS138PS_15 Datasheet HTML 1Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 2Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 3Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 4Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 5Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 6Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 7Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 8Page - NXP Semiconductors BSS138PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BSS138PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 2 November 2010
3 of 16
NXP Semiconductors
BSS138PS
60 V, 320 mA dual N-channel Trench MOSFET
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Ptot
total power dissipation
Tamb =25
°C
[2] -280
mW
[1] -320
mW
Tsp =25
°C-
960
mW
Source-drain diode
IS
source current
Tamb =25
°C
[1] -290
mA
Per device
Ptot
total power dissipation
Tamb =25
°C
[2] -420
mW
Tj
junction temperature
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Fig 1.
Normalized total power dissipation as a
function of ambient temperature
Fig 2.
Normalized continuous drain current as a
function of ambient temperature
Tamb (°C)
−75
175
125
25
75
−25
017aaa001
40
80
120
Pder
(%)
0
Tamb (°C)
−75
175
125
25
75
−25
017aaa002
40
80
120
Ider
(%)
0
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
I
der
I
D
I
D25
°C
()
--------------------
100 %
×
=


Similar Part No. - BSS138PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
BSS138PS NEXPERIA-BSS138PS Datasheet
920Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
More results

Similar Description - BSS138PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
logo
Nexperia B.V. All right...
BSS138BKS NEXPERIA-BSS138BKS Datasheet
1Mb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 12 August 2011
2N7002PS NEXPERIA-2N7002PS Datasheet
294Kb / 15P
   60 V, 320 mA dual N-channel Trench MOSFET
23 November 2020
BSS138PS NEXPERIA-BSS138PS Datasheet
920Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 2 November 2010
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKW PHILIPS-BSS138BKW Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com