Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6338PUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6338PUB
Description  Quad Voltage Monitor in 關MAX Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6338PUB Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6338PUB Datasheet HTML 1Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 2Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 3Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 4Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 5Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 6Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 7Page - Maxim Integrated Products MAX6338PUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
output toggles in one direction or the other. These
resistors are not required when using the MAX6338
because hysteresis is built into the device. MAX6338
hysteresis is typically 0.3%.
Undervoltage Detection Circuit
The open-drain outputs of the MAX6338 can be config-
ured to detect an undervoltage condition. Figure 2
shows a configuration where a low at a comparator out-
put indicates an undervoltage condition, which in turn
causes an LED to light.
The MAX6338 can also be used in applications such as
system supervisory monitoring, multivoltage level
detection, and VCC bar graph monitoring (Figure 3).
Window Detection
A window detector circuit uses two auxiliary inputs in a
configuration such as the one shown in Figure 4.
External resistors R1–R4 set the two threshold voltages
(VTH1 and VTH4) of the window detector circuit. Window
width (
∆VTH) is the difference between the threshold
voltages (Figure 5).
Quad Voltage Monitor in µMAX Package
6
_______________________________________________________________________________________
IN1
VCC
GND
IN2
IN3
IN4
OUT1
0.1
µF*
OUT2
OUT3
OUT4
+5V
*OPTIONAL
MAX6338
V1
V2
V3
V4
D3
D1
D2
D4
IN1
VCC
GND
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
VIN (+5V)
+5V
MAX6338
IN1
VCC
GND
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
+5V
MAX6338HUB
OUT1
INPUT
R2
R4
R1
R3
VTH1 =
(1 + )VREF
R2
R1
VTH4 =
(1 + )VREF
R4
R3
VREF = 1.23V
OUT1
OUT4
OUT
VTH1
VTH4
∆VTH
Figure 2. Quad Undervoltage Detector with LED Indicators
Figure 3. VCC Bar Graph Monitoring
Figure 4. Window Detection
Figure 5. Output Response of Window Detector Circuit


Similar Part No. - MAX6338PUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6338-T MAXIM-MAX6338-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6338PUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Maxim Integrated Produc...
MAX6683 MAXIM-MAX6683 Datasheet
170Kb / 14P
   Temperature Sensor and System Monitor in a 10-Pin 關MAX
Rev 1; 7/04
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
   Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com