Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6315US25D1-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6315US25D1-T
Description  Open-Drain SOT 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6315US25D1-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6315US25D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6315US25D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Open-Drain SOT µP Reset Circuit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The MAX6315 monitors VCC through an internal factory-trimmed voltage divider that programs the nominal reset threshold.
Factory-trimmed reset thresholds are available in 100mV increments from 2.5V to 5V (see
Ordering and Marking
Information).
VCC ........................................................................-0.3V to +6.0V
RESET....................................................................-0.3V to +6.0V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Input Current (VCC) .............................................................20mA
Output Current (RESET)......................................................20mA
Rate of Rise (VCC) ...........................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
SOT143 (derate 4mW/°C above +70°C) ........................320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX6315US_ _D3-T
MAX6315US_ _D2-T
MAX6315US_ _D4-T
TA = +25°C
VCC > 1.2V, ISINK = 0.5mA
VCC = 5.5V, no load
410
TA = -40°C to +85°C
VTH - 2.5%
VTH + 2.5%
1120
1570
2240
140
200
280
20
28
40
VCC > VTH, RESET deasserted
VTH > 4.0V
VCC = falling at 1mV/µs
MAX6315US_ _D1-T
VCC > 4.25V, ISINK = 3.2mA
CONDITIONS
VCC > 2.5V, ISINK = 1.2mA
VCC > 1.0V, ISINK = 80µA
0.3 x VCC
2.4
0.7 x VCC
0.3
0.3
V
µA
1
RESET Output Leakage Current
V
0.4
VOL
RESET Output Voltage
k
32
63
100
MR Pull-Up Resistance
VTH - 1.8%
VTH
VTH + 1.8%
VTH
Reset Threshold (Note 1)
µA
512
ICC
V
1.0
5.5
VCC
Operating Voltage Range
VCC Supply Current
ns
500
MR to Reset Delay
ns
100
MR Glitch Rejection
µs
1
MR Minimum Input Pulse
V
0.8
VIL
MR Input Threshold
ppm/°C
60
∆VTH/°C
Reset Threshold Tempco
µs
35
VCC to Reset Delay
ms
1
1.4
2
tRP
Reset Timeout Period
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIL
VIH
VIH
VCC = 3.6V, no load
TA = -40°C to +85°C
VTH < 4.0V
MANUAL RESET INPUT


Similar Part No. - MAX6315US25D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315US25D1-T MAXIM-MAX6315US25D1-T Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
More results

Similar Description - MAX6315US25D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com