Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87501L Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD87501L
Description  CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87501L Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD87501L_15 Datasheet HTML 4Page - Texas Instruments CSD87501L_15 Datasheet HTML 5Page - Texas Instruments CSD87501L_15 Datasheet HTML 6Page - Texas Instruments CSD87501L_15 Datasheet HTML 7Page - Texas Instruments CSD87501L_15 Datasheet HTML 8Page - Texas Instruments CSD87501L_15 Datasheet HTML 9Page - Texas Instruments CSD87501L_15 Datasheet HTML 10Page - Texas Instruments CSD87501L_15 Datasheet HTML 11Page - Texas Instruments CSD87501L_15 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
C
B
1.52
A
0.200±0.02
0.65 TYP
2X
2.6
0.65 TYP
10X
0.33
0.27
0.325 TYP
PIN A1
CORNER
SEATING PLANE
A
B
C
D
E
1
2
0.015
C A
B
SYMM
SYMM
1.42
3.42
3.32
CSD87501L
SLPS523A – FEBRUARY 2015 – REVISED APRIL 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Package Dimensions
All dimensions in millimeters.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD87501L


Similar Part No. - CSD87501L_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
[Old version datasheet]   CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87502Q2T TI1-CSD87502Q2T Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87503Q3ET TI1-CSD87503Q3ET Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD87501L_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com