Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138AKA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSS138AKA
Description  60 V, single N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138AKA Datasheet(HTML) 1 Page - NXP Semiconductors

  BSS138AKA_15 Datasheet HTML 1Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 2Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 3Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 4Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 5Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 6Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 7Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 8Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BSS138AKA
60 V, single N-channel Trench MOSFET
29 April 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
2. Features and benefits
Very fast switching
Trench MOSFET technology
ESD protection
Low threshold voltage
AEC-Q101 qualified
3. Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
60
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = 10 V; Tamb = 25 °C
[1]
-
-
200
mA
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tj = 25 °C
-
2.7
4.5
Ω
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.


Similar Part No. - BSS138AKA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results

Similar Description - BSS138AKA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AK NXP-NX7002AK Datasheet
210Kb / 15P
   60 V, single N-channel Trench MOSFET
10 July 2012
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
NX7002BKW PHILIPS-NX7002BKW_15 Datasheet
271Kb / 15P
   60 V, single N-channel Trench MOSFET
20 March 2015
logo
Nexperia B.V. All right...
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
   60 V, single N-channel Trench MOSFET
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
   60 V, single N-channel Trench MOSFET
19 December 2013
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com