Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2336 Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2336
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2336_15 Datasheet HTML 4Page - International Rectifier IRS2336_15 Datasheet HTML 5Page - International Rectifier IRS2336_15 Datasheet HTML 6Page - International Rectifier IRS2336_15 Datasheet HTML 7Page - International Rectifier IRS2336_15 Datasheet HTML 8Page - International Rectifier IRS2336_15 Datasheet HTML 9Page - International Rectifier IRS2336_15 Datasheet HTML 10Page - International Rectifier IRS2336_15 Datasheet HTML 11Page - International Rectifier IRS2336_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
8
Static Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25
oC unless otherwise specified. The V
IN and IIN parameters are referenced to VSS
and are applicable to all six channels. The VO and IO parameters are referenced to respective VS and COM and are
applicable to the respective output leads HO or LO. The V
CCUV parameters are referenced to VSS. The VBSUV
parameters are referenced to VS.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
IRS2336(D)
8
8.9
9.8
V
CCUV+
V
CC supply undervoltage positive
going threshold
IRS23364D
10.4
11.1
11.6
IRS2336(D)
7.4
8.2
9
V
CCUV-
V
CC supply undervoltage negative
going threshold
IRS23364D
10.2
10.9
11.4
IRS2336(D)
0.3
0.7
V
CCUVHY
VCC supply undervoltage
hysteresis
IRS23364D
0.2
IRS2336(D)
8
8.9
9.8
V
BSUV+
V
BS supply undervoltage positive
going threshold
IRS23364D
10.4
11.1
11.6
IRS2336(D)
7.4
8.2
9
V
BSUV-
V
BS supply undervoltage negative
going threshold
IRS23364D
10.2
10.9
11.4
IRS2336(D)
0.3
0.7
V
BSUVHY
VBS supply undervoltage
hysteresis
IRS23364D
0.2
V
NA
I
LK
High-side floating well offset supply leakage
50
VB = VS = 600 V
I
QBS
Quiescent VBS supply current
70
120
A
IRS2336
2
3
I
QCC
Quiescent VCC supply current
IR2336(4)D
3
4
mA
All inputs are in the
off state
VOH
High level output voltage drop, VBIAS-VO
0.90
1.4
V
VOL
Low level output voltage drop, VO
0.40
0.6
V
IO= 20 mA
Io+
Output high short circuit pulsed current
120
200
VO=0 V,VIN=0 V,
PW ≤ 10 s
Io-
Output low short circuit pulsed current
250
350
mA
VO=15 V,VIN=5 V,
PW ≤ 10 s
Logic “0” input voltage
V
IH
Logic “1” input voltage
2.5
Logic “1” input voltage
VIL
Logic “0” input voltage
0.8
NA
VIN,CLAMP
Input voltage clamp
(HIN, LIN, ITRIP and EN)
IRS2336(D)
4.8
5.2
5.65
V
IIN = 100 A
IRS2336(D)
150
200
VIN = 0 V
IHIN+
Input bias current (HO = High)
IRS23364D
120
165
IRS2336(D)
110
150
VIN = 4 V
IHIN-
Input bias current (HO = Low)
IRS23364D
1
IRS2336(D)
150
200
VIN = 0 V
ILIN+
Input bias current (LO = High)
IRS23364D
120
165
IRS2336(D)
110
150
VIN = 4 V
ILIN-
Input bias current (LO = Low)
IRS23364D
1
A
VIN = 0 V
VRCIN,TH
RCIN positive going threshold
8
VRCIN,HY
RCIN hysteresis
3
V
NA
IRCIN
RCIN input bias current
1
A
VRCIN = 0 V or 15 V
RON,RCIN
RCIN low on resistance
50
100
I = 1.5 mA


Similar Part No. - IRS2336_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS23364D IRF-IRS23364D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS23364D IRF-IRS23364D Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS23364DJPBF IRF-IRS23364DJPBF Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
IRS23364DJPBF IRF-IRS23364DJPBF Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS23364DJPBF INFINEON-IRS23364DJPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS2336_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com