Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2302S Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2302S
Description  HALF-BRIDGE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2302S Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2302S Datasheet HTML 3Page - International Rectifier IRS2302S Datasheet HTML 4Page - International Rectifier IRS2302S Datasheet HTML 5Page - International Rectifier IRS2302S Datasheet HTML 6Page - International Rectifier IRS2302S Datasheet HTML 7Page - International Rectifier IRS2302S Datasheet HTML 8Page - International Rectifier IRS2302S Datasheet HTML 9Page - International Rectifier IRS2302S Datasheet HTML 10Page - International Rectifier IRS2302S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IRS2302S
7
www.irf.com
© 2013 International Rectifier
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000pF, TA = 25°C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test conditions
ton
Turn-on propagation delay
450
650
850
ns
VS = 0V
toff
Turn-off propagation delay
200
280
VS = 0V or 600V
tsd
Shut-down propagation delay
200
280
MT
Delay matching, HS & LS turn-on/off
0
50
tr
Turn-on rise time
130
220
VS = 0V
tf
Turn-off fall time
50
80
DT
Deadtime: LO turn-off to HO turn-on
(DTLO-HO) & HO turn-off to LO turn-on
(DT HO-LO)
300
450
600
MDT
Deadtime matching = DTLO-HO – DTHO-LO
0
60
February 13, 2013


Similar Part No. - IRS2302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2302S IRF-IRS2302S Datasheet
343Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2302S INFINEON-IRS2302S Datasheet
1Mb / 16P
   HALF-BRIDGE DRIVER
February 13, 2013
More results

Similar Description - IRS2302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com