Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8250A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8250A
Description  BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8250A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8250A Datasheet HTML 3Page - Seiko Instruments Inc S8250A Datasheet HTML 4Page - Seiko Instruments Inc S8250A Datasheet HTML 5Page - Seiko Instruments Inc S8250A Datasheet HTML 6Page - Seiko Instruments Inc S8250A Datasheet HTML 7Page - Seiko Instruments Inc S8250A Datasheet HTML 8Page - Seiko Instruments Inc S8250A Datasheet HTML 9Page - Seiko Instruments Inc S8250A Datasheet HTML 10Page - Seiko Instruments Inc S8250A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_00
S-8250A Series
Seiko Instruments Inc.
7
Electrical Characteristics
1. Ta =
+25°C
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
VCU
− 0.020
VCU
VCU
+ 0.020
V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Overcharge release voltage
VCL
VCL
≠ VCU
VCL
− 0.030
VCL
VCL
+ 0.030
V
1
VCL = VCU
VCL
− 0.025
VCL
VCL
+ 0.020
V
1
Overdischarge detection voltage
VDL
VDL
− 0.050
VDL
VDL
+ 0.050
V
2
Overdischarge release voltage
VDU
VDL
≠ VDU
VDU
− 0.100
VDU
VDU
+ 0.100
V
2
VDL = VDU
VDU
− 0.050
VDU
VDU
+ 0.050
V
2
Discharge overcurrent detection voltage
VDIOV
VDD = 3.0 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
VDD = 3.4 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
VDD = 4.0 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
Load short-circuiting detection voltage
VSHORT
VSHORT
− 0.050 VSHORT VSHORT + 0.050 V
2
Charge overcurrent detection voltage
VCIOV
VCIOV
− 0.015 VCIOV VCIOV + 0.015
V
2
0 V Battery Charge Function
0 V battery charge starting charger voltage V0CHA
0 V battery charge
function "available"
0.00
0.70
1.00
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge
function "unavailable"
0.90
1.25
1.60
V
2
Internal Resistance
Resistance between VM pin and VDD pin
RVMD
500
1000
2000
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
10
20
40
k
Ω
3
CTL pin internal resistance
RCTL
RCTL
× 0.5
RCTL
RCTL
× 2.0
M
Ω
3
Input Voltage
Operation voltage between VDD pin and
VSS pin
VDSOP1
1.5
6.5
V
Operation voltage between VDD pin and
VM pin
VDSOP2
1.5
28
V
CTL pin voltage "H"
VCTLH
VDD
× 0.9
V
2
CTL pin voltage "L"
VCTLL
VDD
× 0.1
V2
Input Current
Current consumption during operation
IOPE
2.0
4.0
μA3
Current consumption during power-down
IPDN
50
nA
3
Current consumption during overdischarge IOPED
1.0
μA3
Current consumption during discharge
inhibition
IOPEC
2.0
4.0
μA3
Output Resistance
CO pin resistance "H"
RCOH
5
10
20
k
Ω
4
CO pin resistance "L"
RCOL
5
10
20
k
Ω
4
DO pin resistance "H"
RDOH
5
10
20
k
Ω
4
DO pin resistance "L"
RDOL
5
10
20
k
Ω
4
Delay Time
Overcharge detection delay time
tCU
tCU
× 0.8
tCU
tCU
× 1.2
5
Overdischarge detection delay time
tDL
tDL
× 0.8
tDL
tDL
× 1.2
5
Discharge overcurrent detection delay time tDIOV
tDIOV
× 0.8
tDIOV
tDIOV
× 1.2
5
Load short-circuiting detection delay time
tSHORT
tSHORT
× 0.7
tSHORT
tSHORT
× 1.3
5
Charge overcurrent detection delay time
tCIOV
tCIOV
× 0.8
tCIOV
tCIOV
× 1.2
5
Discharge inhibition delay time
tCTL
tCTL
× 0.8
tCTL
tCTL
× 1.2
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.


Similar Part No. - S8250A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250B SII-S8250B Datasheet
720Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
More results

Similar Description - S8250A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8250A ABLIC-S-8250A Datasheet
552Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.3_03
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
S-82C1E ABLIC-S-82C1E Datasheet
580Kb / 33P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82F1A ABLIC-S-82F1A Datasheet
603Kb / 38P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.1_00
S-82K1A ABLIC-S-82K1A Datasheet
553Kb / 32P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82B1A ABLIC-S-82B1A Datasheet
777Kb / 35P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.2_01
S-82H1A ABLIC-S-82H1A Datasheet
669Kb / 38P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82N1A ABLIC-S-82N1A Datasheet
673Kb / 37P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S-82B1A SII-S-82B1A Datasheet
2Mb / 35P
   BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8230A SII-S8230A Datasheet
581Kb / 37P
   WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com