Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD85301Q2 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD85301Q2
Description  CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD85301Q2 Datasheet(HTML) 2 Page - Texas Instruments

  CSD85301Q2_15 Datasheet HTML 1Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 2Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 3Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 4Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 5Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 6Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 7Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 8Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CSD85301Q2
SLPS521 – DECEMBER 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Package Dimensions ................................................ 8
5.1
Electrical Characteristics........................................... 3
7.2
PCB Land Pattern ..................................................... 9
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Opening ............................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q2 Tape and Reel Information................................ 10
6
Device and Documentation Support.................... 7
4 Revision History
DATE
REVISION
NOTES
December 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD85301Q2


Similar Part No. - CSD85301Q2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2T TI1-CSD85301Q2T Datasheet
1Mb / 15P
[Old version datasheet]   20V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD85301Q2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFET Power MOSFETs
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
[Old version datasheet]   Dual 30-V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com