Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD85301Q2 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD85301Q2
Description  CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD85301Q2 Datasheet(HTML) 1 Page - Texas Instruments

  CSD85301Q2_15 Datasheet HTML 1Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 2Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 3Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 4Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 5Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 6Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 7Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 8Page - Texas Instruments CSD85301Q2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0
10
20
30
40
50
60
70
D007
TC = 25°C, I D = 5 A
TC = 125°C, I D = 5 A
Qg - Gate Charge (nC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D004
ID = 5 A
VDS = 10 V
S1
G1
D2
D2
D1
G2
S2
D1
Drain
Gate
Source
Drain
Gate
Source
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD85301Q2
SLPS521 – DECEMBER 2014
CSD85301Q2 20 V Dual N-Channel NexFET™ Power MOSFETs
.
1 Features
1
Low On-Resistance
Product Summary
Dual Independent MOSFETs
TA = 25°C
TYPICAL VALUE
UNIT
Space Saving SON 2 × 2 mm Plastic Package
VDS
Drain-to-Source Voltage
20
V
Qg
Gate Charge Total (4.5 V)
4.2
nC
Optimized for 5 V Gate Driver
Qgd
Gate Charge Gate to Drain
1.0
nC
Avalanche Rated
VGS = 1.8 V
65
m
Pb and Halogen Free
VGS = 2.5 V
33
m
RDS(on)
Drain-to-Source On Resistance
RoHS Compliant
VGS = 3.8 V
25
m
VGS = 4.5 V
23
m
2 Applications
VGS(th)
Threshold Voltage
0.9
V
Point-of-Load Synchronous Buck Converter for
Applications in Networking, Telecom, and
.
Computing Systems
Ordering Information(1)
Device
Media
Qty
Package
Ship
Adaptor or USB Input Protection for Notebook
CSD85301Q2
7-Inch Reel
3000
PCs and Tablets
SON 2 x 2 mm
Tape and
Plastic Package
Reel
CSD85301Q2T
7-Inch Reel
250
Battery Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
The CSD85301Q2 is a 20 V, 23 m
Ω N-Channel
Absolute Maximum Ratings
device with dual independent MOSFETs in a SON 2 x
TA = 25°C
VALUE
UNIT
2 mm plastic package. The two FETs were designed
VDS
Drain-to-Source Voltage
20
V
to be used in a half bridge configuration for
VGS
Gate-to-Source Voltage
±10
V
synchronous
buck
and
other
power
supply
applications. Additionally, this part can be used for
ID
Continuous Drain Current (Package limited)
5.0
A
adaptor, USB input protection and battery charging
IDM
Pulsed Drain Current(1)
26
A
applications. The dual FETs feature low drain to
PD
Power Dissipation(2)
2.3
W
source on-resistance that minimizes losses and offers
TJ,
Operating Junction and
–55 to 150
°C
low
component
count
for
space
constrained
Tstg
Storage Temperature Range
applications.
Avalanche Energy, single pulse
EAS
3.8
mJ
ID = 8.7 A, L = 0.1 mH, RG = 25 Ω
Top View and Circuit Image
(1) Max RθJA = 185 °C/W, pulse duration ≤100 μs, duty cycle
≤1%.
(2) Typical RθJA = 55 °C/W on a 1 inch
2, 2 oz. Cu pad on a 0.06
inch thick FR4 PCB.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD85301Q2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2T TI1-CSD85301Q2T Datasheet
1Mb / 15P
[Old version datasheet]   20V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD85301Q2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
[Old version datasheet]   Dual 20 V N-Channel NexFET Power MOSFETs
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
[Old version datasheet]   20-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND_16 Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
[Old version datasheet]   Dual 30-V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com