Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8243A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8243A
Description  BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8243A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8243A Datasheet HTML 1Page - Seiko Instruments Inc S8243A Datasheet HTML 2Page - Seiko Instruments Inc S8243A Datasheet HTML 3Page - Seiko Instruments Inc S8243A Datasheet HTML 4Page - Seiko Instruments Inc S8243A Datasheet HTML 5Page - Seiko Instruments Inc S8243A Datasheet HTML 6Page - Seiko Instruments Inc S8243A Datasheet HTML 7Page - Seiko Instruments Inc S8243A Datasheet HTML 8Page - Seiko Instruments Inc S8243A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
S-8243A/B Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 3-SERIAL OR 4-SERIAL CELL PACK
© Seiko Instruments Inc., 2002-2010
Rev.3.0_00
Seiko Instruments Inc.
1
The S-8243A/B Series is a protection IC for lithium-ion rechargeable battery. The S-8243A Series protects 3-series, the S-8243B
Series protects 4-series cell pack from the overcharge, overdischarge, overcurrent voltages. This IC has a high-accuracy battery
protection circuit and a battery monitor amplifier, and also a voltage regulator which operates the microcomputer or gas gauge IC.
Combining this IC and a microcomputer or a gas gauge IC allows to display the amount of charge remained in a battery.
Features
(1)
High-accuracy voltage detection for each cell
• Overcharge detection voltage n (n = 1 to 4)
3.9 V to 4.4 V (50 mV step)
Accuracy
±25 mV
• Hysteresis voltage n (n = 1 to 4) of overcharge detection
−0.10 V to −0.40 V (50 mV step) or 0 V
Accuracy
±50 mV
(Overcharge release voltage n (= Overcharge detection voltage n
+ Hysteresis voltage n) can be selected within
the range 3.8 V to 4.4 V.)
• Overdischarge detection voltage n (n = 1 to 4)
2.0 V to 3.0 V (100 mV step)
Accuracy
±80 mV
• Hysteresis voltage n (n = 1 to 4) of overdischarge detection
0.15 V to 0.70 V or 0 V (50 mV step)
Accuracy
±100 mV
(Overdischarge release voltage n (= Overdischarge detection voltage n
+ Hysteresis voltage n) can be selected
within the range 2.0 V to 3.4 V.)
(2)
Three-level overcurrent protection including protection for short-circuiting
• Overcurrent detection voltage 1
0.05 V to 0.3 V (50 mV step)
Accuracy
±25 mV
• Overcurrent detection voltage 2
0.5 V
Accuracy
±100 mV
• Overcurrent detection voltage 3
VDD / 2
Accuracy
±15 %
(3) Delay times for overcharge detection, overdischarge detection and overcurrent detection 1 can be set by external
capacitors. (Delay times for overcurrent detection 2 and 3 are fixed internally.)
(4)
Charge/discharge operation can be controlled through the control pins.
(5)
High-accuracy battery monitor amp
GAMP = VBATTERY × 0.2 ±1.0%
(6)
Voltage regulator
VOUT = 3.3 V ±2.4 % (3 mA max.)
(7)
High input-voltage device
Absolute maximum rating: 26 V
(8)
Wide operating voltage range
6 V to 18 V
(9)
Wide operating temperature range:
−40°C to +85°C
(10) Low current consumption
• Operation mode
120
μA max.
• Power down mode
0.1
μA max.
(11) Lead-free, Sn 100%, halogen-free
*1
*1. Refer to “
Product Name Structure” for details.
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs
Package
• 16-Pin TSSOP


Similar Part No. - S8243A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S82433LX INTEL-S82433LX Datasheet
540Kb / 53P
   LOCAL BUS ACCELERATOR (LBX)
S82433NX INTEL-S82433NX Datasheet
540Kb / 53P
   LOCAL BUS ACCELERATOR (LBX)
logo
Laird Tech Smart Techno...
S8243B LSTD-S8243B Datasheet
903Kb / 1P
   Fiberglass enclosures
More results

Similar Description - S8243A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com