Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6365PKA46-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6365PKA46-T
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6365PKA46-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6365PKA46-T Datasheet HTML 3Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 4Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 5Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 6Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 7Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 8Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 9Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 10Page - Maxim Integrated Products MAX6365PKA46-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
RESET
Active-High Reset Output. RESET asserts high continuously when VCC is below the reset threshold (VTH),
MR is low, or RESET IN is low. It asserts in pulses when the internal watchdog times out. RESET remains
asserted for the reset timeout period (tRP) after VCC rises above the reset threshold, after the manual reset
input goes from low to high, after RESET IN goes high, or after the watchdog triggers a reset event.
RESET is an open-drain active-high reset output.
1
RESET
Active-Low Reset Output. RESET asserts low continuously when VCC is below the reset threshold
(VTH), the manual reset input is low, or RESET IN is low. It asserts low in pulses when the internal
watchdog times out. RESET remains asserted low for the reset timeout period (tRP) after VCC
rises above the reset threshold, after the manual reset input goes from low to high, after RESET
IN goes high, or after the watchdog triggers a reset event. The MAX636_L is an active-low push-
pull output, while the MAX636_P is an active-low open-drain output.
2
CE IN
Chip-Enable Input. The input to chip-enable gating circuitry. Connect to GND or OUT if not used.
3
GND
Ground
MR
MAX6365 Manual-Reset Input. Maintaining logic low on MR asserts a reset. Reset output
remains asserted as long as MR is low and for the reset timeout period (tRP) after MR transitions
from low to high. Leave unconnected, or connect to VCC if not used. MR has an internal 20k
pullup to VCC.
WDI
MAX6366 Watchdog Input. If WDI remains high or low for longer than the watchdog timeout
period (tWD), the internal watchdog timer runs out and a reset pulse is triggered for the reset
timeout period (tRP). The internal watchdog clears whenever reset asserts or whenever WDI sees
a rising or falling edge (Figure 2).
BATT ON
MAX6367 Battery-On Output. BATT ON goes high when in battery backup mode.
4
RESET IN
MAX6368 Reset Input. When RESET IN falls below 1.235V, reset asserts. Reset output remains
asserted as long as RESET IN is low and for at least tRP after RESET IN goes high.
5VCC
Supply Voltage, 1.2V to 5.5V. Reset asserts when VCC drops below the reset threshold voltage
(VTH). Reset remains asserted until VCC rises above VTH and for at least tRP after VCC rises
above VTH.
6
OUT
Output. OUT sources from VCC when not in reset and from the greater of VCC or BATT when VCC
is below the reset threshold.
7
BATT
Backup-Battery Input. When VCC falls below the reset threshold, OUT switches to BATT if VBATT
is 20mV greater than VCC. When VCC rises 20mV above VBATT, OUT switches to VCC. The 40mV
hysteresis prevents repeated switching if VCC falls slowly.
8
CE OUT
Chip-Enable Output. CE OUT goes low only when CE IN is low and reset is not asserted. If CE
IN is low when reset is asserted, CE OUT will stay low for 12µs (typ) or until CE IN goes high,
whichever occurs first.


Similar Part No. - MAX6365PKA46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365PKA__-T MAXIM-MAX6365PKA__-T Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
More results

Similar Description - MAX6365PKA46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com