Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD25202W15 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD25202W15
Description  CSD25202W15 20-V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25202W15 Datasheet(HTML) 5 Page - Texas Instruments

  CSD25202W15_15 Datasheet HTML 1Page - Texas Instruments CSD25202W15_15 Datasheet HTML 2Page - Texas Instruments CSD25202W15_15 Datasheet HTML 3Page - Texas Instruments CSD25202W15_15 Datasheet HTML 4Page - Texas Instruments CSD25202W15_15 Datasheet HTML 5Page - Texas Instruments CSD25202W15_15 Datasheet HTML 6Page - Texas Instruments CSD25202W15_15 Datasheet HTML 7Page - Texas Instruments CSD25202W15_15 Datasheet HTML 8Page - Texas Instruments CSD25202W15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
10
14
18
22
26
30
34
38
42
46
50
0
1
2
3
4
5
6
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = −2A
TC = 125°C,I D = −2A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6
Qg - Gate Charge (nC)
G001
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
10
12
14
16
18
20
− V
DS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
− V
DS - Drain-to-Source Voltage (V)
VGS = −4.5V
VGS = −2.5 V
VGS = −1.8V
G001
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
− V
GS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
G001
CSD25202W15
www.ti.com
SLPS508A – JUNE 2014 – REVISED JULY 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = –5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = –2 A
VDS = –10 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD25202W15


Similar Part No. - CSD25202W15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25202W15T TI1-CSD25202W15T Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD25202W15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com