Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5259A Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 4Page - Analog Microelectronics AME5259A Datasheet HTML 5Page - Analog Microelectronics AME5259A Datasheet HTML 6Page - Analog Microelectronics AME5259A Datasheet HTML 7Page - Analog Microelectronics AME5259A Datasheet HTML 8Page - Analog Microelectronics AME5259A Datasheet HTML 9Page - Analog Microelectronics AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AME
8
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A
Rev.A.02
n
Electrical Specifications
V
IN=3.6V, VOUT=2.5V, VFB=0.6V, L=2.2µH, CIN=4.7µF, COUT=10µF, TA=25
o
C, I
MAX=1.2A unless otherwise specified.
Parameter
Symbol
Min
Typ
Max Units
Input voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
∆VOUT
-3
3
%
Adjustable Output Range
Vout
VFB
VIN-0.2
V
Feedback Voltage
VFB
0.588
0.6 0.612
V
Feedback Pin Bias Current
IFB
-50
50
nA
Quiescent Current
IQ
0.4
0.5
mA
Shutdown Current
ISHDN
0.1
1
µA
Switch Frequency
fOSC
1.2
1.5
1.8
MHz
High-side Switch On-Resistance
RDS,ON, LHI
0.28
Low-side Switch On-Resistance
RDS,ON, LO
0.25
Switch Current Limit
ISW,CL
1.6
A
EN High (Enabled the Device)
VEN,HI
1.5
V
EN Low (Shutdown the Device)
VEN,LO
0.4
V
Input Undervoltage Lockout
VUVLO
1.8
V
Input Undervoltage Lockout
Hysteresis
VUVLO,HYST
0.1
V
Thermal Shutdown Temperature
OTP
160
oC
Maximum Duty Cycle
DMAX
100
%
SW Leakage Current
-1
1
µA
VEN=GND
ISW=200mA, VIN=3.6V
VIN=2.5 to 5.5V
VIN=2.5 to 5.5V
VIN=2.5 to 5.5V
rising edge
Shutdown, temperature increasing
EN=0V, VIN=5.0V
VSW=0V or 5.0V
Test Condition
ISW=200mA, VIN=3.6V
VIN=2.5 to 5.5V, in PWM mode
For Fixed Output Voltage
For Adjustable OutputVoltage
VFB=VIN
IOUT=0mA, VFB=1V


Similar Part No. - AME5259A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results

Similar Description - AME5259A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
   HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
   1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
   1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com