Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5251A Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME5251A
Description  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251A Datasheet(HTML) 3 Page - Analog Microelectronics

  AME5251A Datasheet HTML 1Page - Analog Microelectronics AME5251A Datasheet HTML 2Page - Analog Microelectronics AME5251A Datasheet HTML 3Page - Analog Microelectronics AME5251A Datasheet HTML 4Page - Analog Microelectronics AME5251A Datasheet HTML 5Page - Analog Microelectronics AME5251A Datasheet HTML 6Page - Analog Microelectronics AME5251A Datasheet HTML 7Page - Analog Microelectronics AME5251A Datasheet HTML 8Page - Analog Microelectronics AME5251A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AME
3
AME5251A
Rev.A.04
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
AME5251A-AVCxxxxxx
1. IN2
2. SW2
3. GND
4. FB1
5. NC1
6. EN1
7. IN1
8. SW1
9. GND
10. FB2
11. NC2
12. EN2
* Die Attach:
Conductive Epoxy
DFN-12A
(3mmx3mmx0.75mm)
Top View
n
Pin Configuration
Note:
Connect exposed pad (heat sink on the back) to GND.
n
Pin Description
Pin Name
Pin Description
NC
No connection. Not internally connected. Can left floating or connected to GND.
EN
Enable Control Input, active high.
IN
Input Supply Voltage Pin.
Bypass this pin with a capacitor as close to the device as possible.
SW
Switch Node Connection to Inductor.
GND
Ground. Tie directly to ground plane.
FB
Output voltage Feedback input.
AME5251A
1
2 3
4
5
6
12
11 10
9
8
7


Similar Part No. - AME5251A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Similar Description - AME5251A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com