Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6314US34D1-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6314US34D1-T
Description  68HC11/Bidirectional-Compatible 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US34D1-T Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6314US34D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
68HC11/Bidirectional-Compatible
µP Reset Circuit
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
_____________________________Ordering and Marking Information (continued)
The MAX6314 is available in a SOT143 package, -40°C to +85°C temperature range.
††
The first two letters in the package top mark identify the part, while the remaining two letters are the lot tracking code.
†††
Sample stocks generally held on the bolded products; also, the bolded products have 2,500 piece minimum-order quantities.
Non-bolded products have 10,000 piece minimum-order quantities. Contact factory for details.
Note: All devices available in tape-and-reel only. Contact factory for availability.
Chip Information
TRANSISTOR COUNT: 519
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
PKG. TOP
MARK††
MAX6314US32D2-T
3.20
20
DK_ _
MAX6314US31D2-T
3.08
20
DL_ _
MAX6314US30D2-T
3.00
20
DM_ _
MAX6314US29D2-T
2.93
20
DN_ _
MAX6314US28D2-T
2.80
20
DO_ _
MAX6314US27D2-T
2.70
20
DP_ _
MAX6314US26D2-T†††
2.63
20
DQ_ _
MAX6314US25D2-T
2.50
20
DR_ _
MAX6314US50D3-T
5.00
140
DS_ _
MAX6314US49D3-T
4.90
140
DT_ _
MAX6314US48D3-T
4.80
140
DU_ _
MAX6314US47D3-T
4.70
140
DV_ _
MAX6314US46D3-T†††
4.63
140
DW_ _
MAX6314US45D3-T
4.50
140
DX_ _
MAX6314US44D3-T†††
4.39
140
DY_ _
MAX6314US43D3-T
4.30
140
DZ_ _
MAX6314US42D3-T
4.20
140
EA_ _
MAX6314US41D3-T
4.10
140
EB_ _
MAX6314US40D3-T
4.00
140
EC_ _
MAX6314US39D3-T
3.90
140
EG_ _
MAX6314US38D3-T
3.80
140
EH_ _
MAX6314US37D3-T
3.70
140
EI_ _
MAX6314US36D3-T
3.60
140
EJ_ _
MAX6314US35D3-T
3.50
140
EK_ _
MAX6314US34D3-T
3.40
140
EL_ _
MAX6314US33D3-T
3.30
140
EM_ _
MAX6314US32D3-T
3.20
140
EN_ _
MAX6314US31D3-T†††
3.08
140
EO_ _
MAX6314US30D3-T
3.00
140
EP_ _
MAX6314US29D3-T†††
2.93
140
ES_ _
FW_ _
1120
2.50
MAX6314US25D4-T
FV_ _
1120
2.63
MAX6314US26D4-T†††
FU_ _
1120
2.70
MAX6314US27D4-T
FT_ _
1120
2.80
MAX6314US28D4-T
FS_ _
1120
2.93
MAX6314US29D4-T
FR_ _
1120
3.00
MAX6314US30D4-T
FQ_ _
1120
3.08
MAX6314US31D4-T
FP_ _
1120
3.20
MAX6314US32D4-T
FO_ _
1120
3.30
MAX6314US33D4-T
FN_ _
1120
3.40
MAX6314US34D4-T
FM_ _
1120
3.50
MAX6314US35D4-T
FL_ _
1120
3.60
MAX6314US36D4-T
FK_ _
1120
3.70
MAX6314US37D4-T
FJ_ _
1120
3.80
MAX6314US38D4-T
FI_ _
1120
3.90
MAX6314US39D4-T
FH_ _
1120
4.00
MAX6314US40D4-T
FG_ _
1120
4.10
MAX6314US41D4-T
FF_ _
1120
4.20
MAX6314US42D4-T
FE_ _
1120
4.30
MAX6314US43D4-T
FD_ _
1120
4.39
MAX6314US44D4-T†††
FC_ _
1120
4.50
MAX6314US45D4-T
FB_ _
1120
4.63
MAX6314US46D4-T
EW_ _
140
2.50
MAX6314US25D3-T
PKG. TOP
MARK††
ET_ _
EU_ _
EV_ _
140
140
140
MIN tRP
(ms)
NOMINAL
VTH (V)
2.80
2.70
2.63
MAX6314US26D3-T†††
MAX6314US27D3-T
MAX6314US28D3-T
PART
FA_ _
1120
4.70
MAX6314US47D4-T
EX_ _
EY_ _
EZ_ _
1120
1120
1120
5.00
4.90
4.80
MAX6314US48D4-T
MAX6314US49D4-T
MAX6314US50D4-T


Similar Part No. - MAX6314US34D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US34D1-T MAXIM-MAX6314US34D1-T Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
More results

Similar Description - MAX6314US34D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US44D2 MAXIM-MAX6314US44D2 Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
   3.3V 關P Power Suppl Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com