Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6241BMJA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6241BMJA
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6241BMJA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6241BMJA Datasheet HTML 4Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 5Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 6Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 7Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 8Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 9Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 10Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 11Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
10
______________________________________________________________________________________
MAX6250
MAX865
IN
VCC
V+
V-
GND
C2-
C2+
C1-
C1+
+5V INPUT
+REFERENCE OUT
-REFERENCE OUT
OUT
TRIM
10k
R1
100k
R4
R2
100k
R3
1k
NR
2.2
µF
C1
3.3
µF
3.3
µF
2.2
µF
C2
1
µF
2.2
µF
C3
1
µF
C4
GND
MAX432
Figure 3. +5V and -5V References from a Single +5V Supply
Ordering Information (continued)
___________________Chip Information
TRANSISTOR COUNT: 435
MAX6241BCSA
MAX6241ACPA
MAX6241BCPA
MAX6241ACSA
0°C to +70°C
0°C to +70°C
0°C to +70°C
0°C to +70°C
5.0
2.0
5.0
2.0
8 SO
8 Plastic DIP
8 Plastic DIP
8 SO
MAX6241AEPA
-40°C to +85°C
3.0
8 Plastic DIP
PART
TEMP. RANGE
MAX
TEMPCO
(ppm/°C)
PIN-
PACKAGE
MAX6250BEPA
-40°C to +85°C
7.0
8 Plastic DIP
MAX6250AESA
-40°C to +85°C
3.0
8 SO
MAX6250BESA
-40°C to +85°C
7.0
8 SO
MAX6250AMJA
-55°C to +125°C
5.0
8 CERDIP
MAX6241BEPA
-40°C to +85°C
7.0
8 Plastic DIP
MAX6241AESA
-40°C to +85°C
3.0
8 SO
MAX6241BESA
-40°C to +85°C
7.0
8 SO
MAX6241AMJA
-55°C to +125°C
5.0
8 CERDIP
MAX6241BMJA
-55°C to +125°C
8.0
8 CERDIP
MAX6250ACPA
0°C to +70°C
2.0
8 Plastic DIP
MAX6250BCPA
0°C to +70°C
5.0
8 Plastic DIP
MAX6250ACSA
0°C to +70°C
2.0
8 SO
MAX6250BCSA
0°C to +70°C
5.0
8 SO
MAX6250BMJA
-55°C to +125°C
8.0
8 CERDIP
MAX6250AEPA
-40°C to +85°C
3.0
8 Plastic DIP


Similar Part No. - MAX6241BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6241 MAXIM-MAX6241 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results

Similar Description - MAX6241BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com