Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6241BMJA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6241BMJA
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6241BMJA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6241BMJA Datasheet HTML 1Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 2Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 3Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 4Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 5Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 6Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 7Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 8Page - Maxim Integrated Products MAX6241BMJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6225/MAX6241/MAX6250 are low-noise, preci-
sion voltage references with extremely low 1ppm/°C
temperature coefficients and excellent ±0.02% initial
accuracy. These devices feature buried-zener technolo-
gy for lowest noise performance. Load-regulation speci-
fications are guaranteed for source and sink currents
up to 15mA. Excellent line and load regulation and low
output impedance at high frequency make them ideal
for high-resolution data-conversion systems up to
16 bits.
The MAX6225 is set for 2.500V output, the MAX6241 is
set for 4.096V output, and the MAX6250 is set for
5.000V output. All three provide for the option of exter-
nal trimming and noise reduction.
Applications
High-Resolution Analog-to-Digital
and Digital-to-Analog Converters
High-Accuracy Reference Standard
High-Accuracy Industrial and Process Control
Digital Voltmeters
ATE Equipment
Precision Current Sources
____________________________Features
o Low 1.0ppm/°C Temperature Coefficient
o Very Low 1.5µVp-p Noise (0.1Hz to 10Hz)
o ±0.02% Initial Accuracy
o ±15mA Output Source and Sink Current
o Low, 18mW Power Consumption (MAX6225)
o Industry-Standard Pinout
o Optional Noise Reduction and Voltage Trim
o Excellent Transient Response
o 8-Pin SO Package Available
o Low 20ppm/1000h Long-Term Stability
o Stable for All Capacitive Loads
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
________________________________________________________________
Maxim Integrated Products
1
REFERENCE OUT
GND
NR
*OPTIONAL
TRIM
OUT
IN
8V TO 36V INPUT
*
2.2
µF
*
2.2
µF
MAX6225
MAX6241
MAX6250
Typical Operating Circuit
OUT
NR
TRIM
GND
1
2
8
7
I.C.
I.C.
IN
I.C.
MAX6225
MAX6241
MAX6250
DIP/SO
TOP VIEW
I.C. = INTERNALLY CONNECTED; DO NOT USE
3
4
6
5
Pin Configuration
19-1139; Rev 3; 5/98
Ordering Information
Ordering Information continued at end of data sheet.
MAX6225BCSA
MAX6225ACPA
MAX6225BCPA
MAX6225ACSA
0°C to +70°C
0°C to +70°C
0°C to +70°C
0°C to +70°C
5.0
2.0
5.0
2.0
8 SO
8 Plastic DIP
8 Plastic DIP
8 SO
MAX6225AEPA
-40°C to +85°C
3.0
8 Plastic DIP
PART
TEMP. RANGE
MAX
TEMPCO
(ppm/
°C)
PIN-
PACKAGE
MAX6225BEPA
-40°C to +85°C
7.0
8 Plastic DIP
MAX6225AESA
-40°C to +85°C
3.0
8 SO
MAX6225BESA
-40°C to +85°C
7.0
8 SO
MAX6225AMJA
-55°C to +125°C
5.0
8 CERDIP
MAX6225BMJA
-55°C to +125°C
8.0
8 CERDIP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX6241BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6241 MAXIM-MAX6241 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results

Similar Description - MAX6241BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com