Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME2056 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME2056
Description  1A Single Cell Li-ion
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME2056 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME2056 Datasheet HTML 5Page - Analog Microelectronics AME2056 Datasheet HTML 6Page - Analog Microelectronics AME2056 Datasheet HTML 7Page - Analog Microelectronics AME2056 Datasheet HTML 8Page - Analog Microelectronics AME2056 Datasheet HTML 9Page - Analog Microelectronics AME2056 Datasheet HTML 10Page - Analog Microelectronics AME2056 Datasheet HTML 11Page - Analog Microelectronics AME2056 Datasheet HTML 12Page - Analog Microelectronics AME2056 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AME
9
AME2056
Rev. B.01
1A Single Cell Li-ion
Battery Linear Charger
n
Electrical Specifications (Contd.)
Parameter
Symbol
Test Condition
Min
Typ
Max Units
PROG Pin Voltage
VPROG
RPROG=1.2KΩ, CC mode
0.9
1
1.1
V
CHRG Pin Output Low Voltage
VCHRG
ICHRG=5mA
0.3
0.6
V
STDBY Pin Output Low Voltage
VSTANBY
ISTDBY=5mA
0.3
0.6
V
Temp Pin High Threshold Voltage
VTEMP-H
80
82
%VCC
Temp Pin Low Threshold Voltage
VTEMP-L
43
45
%VCC
Recharge Threshold Voltage
∆RECHRG
VFLOAT-VRECHRG
60
150
200
mV
Temperature Limit
TLIMT
145
oC
ON Resistance
RON
650
m
Soft Start Time
tSS
400
uS
Recharge Battery Time
tRECHRG
VBAT:High to Low
0.8
1.8
4
ms
Battery Termination Detect Time
tTERM
IBAT falling (less than ICHRG /10)
0.8
1.8
4
ms
IPROG Pin Pull-up Current
IPROG _pull_up
2
uA


Similar Part No. - AME2056

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME20-12DCJZ AIMTEC-AME20-12DCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SBJZ AIMTEC-AME20-12SBJZ Datasheet
553Kb / 4P
   AC-DC / DC-DC Converter
AME20-12SCJZ AIMTEC-AME20-12SCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SJZ AIMTEC-AME20-12SJZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SVZ AIMTEC-AME20-12SVZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
More results

Similar Description - AME2056

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com