Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME2056 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME2056
Description  1A Single Cell Li-ion
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME2056 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME2056 Datasheet HTML 1Page - Analog Microelectronics AME2056 Datasheet HTML 2Page - Analog Microelectronics AME2056 Datasheet HTML 3Page - Analog Microelectronics AME2056 Datasheet HTML 4Page - Analog Microelectronics AME2056 Datasheet HTML 5Page - Analog Microelectronics AME2056 Datasheet HTML 6Page - Analog Microelectronics AME2056 Datasheet HTML 7Page - Analog Microelectronics AME2056 Datasheet HTML 8Page - Analog Microelectronics AME2056 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AME
4
1A Single Cell Li-ion
Battery Linear Charger
AME2056
Rev. B.01
n
Pin Description
TEMP
Temperature sense Input.
PROG
Charge Current Setting and Charge Current Monitor Pin.
GND
Ground.
VCC
Input Supply Voltage
BAT
Battery Connection Pin.
STDBY
Charge Terminatel Status Output.
CHRG
Open-Drain Charge Status Output.
CE
Chip Enable Input.
Pin Number
Pin Name
Pin Description
SOP-8/PP
MSOP-8
DFN-8D
SOT-25
TSOT-25A
N/A
2
5
3
2
1
1
8
N/A
4
5
3
6
N/A
4
7


Similar Part No. - AME2056

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME20-12DCJZ AIMTEC-AME20-12DCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SBJZ AIMTEC-AME20-12SBJZ Datasheet
553Kb / 4P
   AC-DC / DC-DC Converter
AME20-12SCJZ AIMTEC-AME20-12SCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SJZ AIMTEC-AME20-12SJZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SVZ AIMTEC-AME20-12SVZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
More results

Similar Description - AME2056

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com