Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6241BESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6241BESA
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6241BESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6241BESA Datasheet HTML 1Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 2Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 3Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 4Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 5Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 6Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 7Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 8Page - Maxim Integrated Products MAX6241BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6225
(VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN..............................................................................-0.3V to +40V
OUT, TRIM ...............................................................-0.3V to +12V
NR ..............................................................................-0.3V to +6V
OUT Short Circuit to GND Duration (VIN ≤ 12V)..........Continuous
OUT Short Circuit to GND Duration (VIN ≤ 40V) ....................5sec
OUT Short Circuit to IN Duration (VIN ≤ 12V) ..............Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)................727mW
SO (derate 5.88mW/°C above +70°C) ............................471mW
CERDIP (derate 8.00mW/°C above +70°C) ....................640mW
Operating Temperature Ranges
MAX62_ _ _C_ A .....................................................0°C to +70°C
MAX62_ _ _E_ A ..................................................-40°C to +85°C
MAX62_ _ _MJA ................................................-55°C to +125°C
Storage Temperature Range ..............................-65°C to +150°C
Lead Temperature (soldering, 10sec)...............................+300°C
V
8
36
VIN
Input Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
C, E, M
TA
V
2.499
2.500
2.501
VOUT
Output Voltage
C
1.0
2.0
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
E
1.5
3.0
ppm/°C
Line Regulation (Note 2)
∆VOUT /
∆VIN
+25°C
10
18
ppm/V
MAX6225A
MAX6225AC_A
MAX6225AE_A
CONDITIONS
8V
≤ VIN ≤ 10V
2.497
2.500
2.503
MAX6225B
M
2.0
5.0
C
2.5
5.0
MAX6225AMJA
MAX6225BC_A
E
2.5
7.0
M
2.5
8.0
MAX6225BE_A
MAX6225BMJA
C
30
E
35
M
45
10V
≤ VIN ≤ 36V
+25°C
2
5
C
7
E
8
M
10
+25°C
+25°C


Similar Part No. - MAX6241BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6241 MAXIM-MAX6241 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results

Similar Description - MAX6241BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com