Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSH111BK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSH111BK
Description  55 V, N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH111BK Datasheet(HTML) 4 Page - NXP Semiconductors

  BSH111BK_15 Datasheet HTML 1Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 2Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 3Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 4Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 5Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 6Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 7Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 8Page - NXP Semiconductors BSH111BK_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NXP Semiconductors
BSH111BK
55 V, N-channel Trench MOSFET
BSH111BK
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
26 November 2014
4 / 16
aaa-015680
VDS (V)
10-1
102
10
1
10-1
10-2
1
ID
(A)
10-3
Limit RDSon = VDS/ID
(1)
(2)
(3)
(4)
(5)
(6)
(7)
IDM = single pulse
(1) tp = 10 µs
(2) tp = 100 µs
(3) tp = 1 ms
(4) tp = 10 ms
(5) DC; Tsp = 25 °C
(6) tp = 100 ms
(7) DC; Tamb = 25 °C; drain mounting pad 1 cm2
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
351
404
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
271
311
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
65
75
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 1 cm2.


Similar Part No. - BSH111BK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSH111BK NEXPERIA-BSH111BK Datasheet
742Kb / 16P
   55 V, N-channel Trench MOSFET
More results

Similar Description - BSH111BK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSH111BK NEXPERIA-BSH111BK Datasheet
742Kb / 16P
   55 V, N-channel Trench MOSFET
logo
Vishay Siliconix
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
logo
Nexperia B.V. All right...
PMV16XN NEXPERIA-PMV16XN Datasheet
724Kb / 15P
   20 V, N-channel Trench MOSFET
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMXB43UNE PHILIPS-PMXB43UNE_15 Datasheet
253Kb / 15P
   20 V, N-channel Trench MOSFET
19 September 2013
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com