Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2108 Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2108
Description  HALF-BRIDGE DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2108 Datasheet(HTML) 3 Page - International Rectifier

  IRS2108_15 Datasheet HTML 1Page - International Rectifier IRS2108_15 Datasheet HTML 2Page - International Rectifier IRS2108_15 Datasheet HTML 3Page - International Rectifier IRS2108_15 Datasheet HTML 4Page - International Rectifier IRS2108_15 Datasheet HTML 5Page - International Rectifier IRS2108_15 Datasheet HTML 6Page - International Rectifier IRS2108_15 Datasheet HTML 7Page - International Rectifier IRS2108_15 Datasheet HTML 8Page - International Rectifier IRS2108_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.irf.com
3
IRS2108/IRS21084(S)PbF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, CL = 1000 pF, TA = 25 °C, DT = VSS unless otherwise specified.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, DT= VSS and TA = 25 °C unless otherwise specified. The VIL, VIH, and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: HIN and LIN. The VO, IO, and
Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage for HIN & logic “0” for LIN
2.5
VIL
Logic “0” input voltage for HIN & logic “1” for LIN
0.8
VOH
High level output voltage, VBIAS - VO
0.05
0.2
VOL
Low level output voltage, VO
0.02
0.1
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
20
75
130
VIN = 0 V or 5 V
IQCC
Quiescent VCC supply current
0.4
1.0
1.6
mA
VIN = 0 V or 5 V
RDT=0
IIN+
Logic “1” input bias current
5
20
HIN = 5 V, LIN = 0 V
IIN-
Logic “0” input bias current
5
HI
N = 0 V, LIN = 5 V
VCCUV+
VCC and VBS supply undervoltage positive going
8.0
8.9
9.8
VBSUV+
threshold
VCCUV-
VCC and VBS supply undervoltage negative going
7.4
8.2
9.0
VBSUV-
threshold
VCCUVH
Hysteresis
0.3
0.7
VBSUVH
IO+
Output high short circuit pulsed current
120
290
VO = 0 V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
250
600
VO = 15 V,
PW
≤ 10 µs
V
µA
µA
V
mA
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
220
300
VS = 0 V
toff
Turn-off propagation delay
200
280
VS = 0 V or 600 V
MT
Delay matching
| ton - toff |
—0
30
tr
Turn-on rise time
100
220
tf
Turn-off fall time
35
80
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
400
540
680
RDT= 0 Ω
HO turn-off to LO turn-on (DTHO-LO)
4
5
6
µs
RDT = 200 kΩ (IR21084)
MDT
Deadtime matching =
| DTLO-HO - DTHO-LO |
0
60
RDT=0 Ω
0
600
RDT= 200 kΩ (IR21084)
ns
ns
VS = 0 V
VCC = 10 V to 20 V
IO = 2 mA


Similar Part No. - IRS2108_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21084 INFINEON-IRS21084 Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60260
logo
International Rectifier
IRS21084PBF IRF-IRS21084PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
IRS21084PBF IRF-IRS21084PBF Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21084S INFINEON-IRS21084S Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60260
logo
International Rectifier
IRS21084SPBF IRF-IRS21084SPBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2108_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com