Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES32NT8BG2 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 89HPES32NT8BG2
Description  Low latency cut-through architecture
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES32NT8BG2 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 89HPES32NT8BG2 Datasheet HTML 4Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 5Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 6Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 7Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 8Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 9Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 10Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 11Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IDT 89HPES32NT8BG2 Datasheet
8 of 35
December 17, 2013
GPIO[6]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: FAILOVER1
1st Alternate function pin type: Input
1st Alternate function: When this signal changes state and the correspond-
ing failover capability is enabled, a failover event is signaled.
2nd Alternate function pin name: FAILOVER3
2nd Alternate function pin type: Input
2nd Alternate function: When this signal changes state and the correspond-
ing failover capability is enabled, a failover event is signaled.
GPIO[7]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: FAILOVER2
1st Alternate function pin type: Input
1st Alternate function: When this signal changes state and the correspond-
ing failover capability is enabled, a failover event is signaled.
2nd Alternate function pin name: P8LINKUPN
2nd Alternate function pin type: Output
2nd Alternate function: Port 8 Link Up Status output.
GPIO[8]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: IOEXPINTN
1st Alternate function pin type: Input
1st Alternate function: IO expander interrupt.
2nd Alternate function pin name: P8ACTIVEN
2nd Alternate function pin type: Output
2nd Alternate function: Port 8 Link Active Status Output.
Signal
Type
Name/Description
STK0CFG0
I
Stack 0 Configuration. This pin selects the configuration of stack 0.
STK1CFG0
I
Stack 1 Configuration. This pin selects the configuration of stack 1.
STK2CFG0
I
Stack 2 Configuration. This pin selects the configuration of stack 2.
STK3CFG0
I
Stack 3 Configuration. This pin selects the configuration of stack 3.
Table 6 Stack Configuration Pins
Signal
Type
Name/Description
CLKMODE[1:0]
I
Clock Mode. These signals determine the port clocking mode used by ports of the
device.
GCLKFSEL
I
Global Clock Frequency Select. These signals select the frequency of the GCLKP
and GCLKN signals.
0x0 100 MHz
0x1 125 MHz
Table 7 System Pins (Part 1 of 2)
Signal
Type
Name/Description
Table 5 General Purpose I/O Pins (Part 2 of 2)


Similar Part No. - 89HPES32NT8BG2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
More results

Similar Description - 89HPES32NT8BG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
89HPES12NT12G2 IDT-89HPES12NT12G2 Datasheet
279Kb / 32P
   Low latency cut-through architecture
89HPES22H16 IDT-89HPES22H16 Datasheet
282Kb / 37P
   Low-latency cut-through switch architecture
89HPES8T5 IDT-89HPES8T5 Datasheet
535Kb / 31P
   Low-latency cut-through switch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com