Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6301CUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6301CUA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301CUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6301CUA Datasheet HTML 1Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 2Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 3Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 4Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 5Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 6Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 7Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 8Page - Maxim Integrated Products MAX6301CUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX6301/MAX6302/MAX6303/MAX6304* low-
power microprocessor (µP) supervisory circuits provide
maximum adjustability for reset and watchdog functions.
The reset threshold can be adjusted to any voltage
above 1.22V, using external resistors. In addition, the
reset and watchdog timeout periods are adjustable
using external capacitors. A watchdog select pin
extends the watchdog timeout period to 500x. The reset
function features immunity to power-supply transients.
These four devices differ only in the structure of their reset
outputs (see
Selector Guide). The MAX6301–MAX6304
are available in the space-saving 8-pin µMAX package,
as well as 8-pin DIP/SO.
________________________Applications
Medical Equipment
Embedded Controllers
Intelligent Instruments
Critical µP Monitoring
Portable Equipment
Set-Top Boxes
Battery-Powered
Computers
Computers/Controllers
____________________________Features
o Adjustable Reset Threshold
o Adjustable Reset Timeout
o Adjustable Watchdog Timeout
o 500x Watchdog Timeout Multiplier
o 4µA Supply Current
o RESET or
RESET Output Options
o Push/Pull or Open-Drain Output Options
o Guaranteed
RESET Asserted At or Above
VCC = 1V (MAX6301/MAX6303)
o Power-Supply Transient Immunity
o Watchdog Function Can Be Disabled
o DIP/SO/µMAX Packages Available
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
________________________________________________________________
Maxim Integrated Products
1
0.1µF
MAX6301
MAX6302
MAX6303
MAX6304
VCC
RESET IN
VIN
CSWT
CSRT
SRT
GND
SWT
WDI
WDS
RESET
µP
I/O
RESET
(RESET)
R2
R1
RL
RL
MAX6301
ONLY
MAX6302
ONLY
8
7
6
5
1
2
3
4
WDS = 0 FOR NORMAL MODE
WDI = 1 FOR EXTENDED MODE
( ) ARE FOR MAX6302/MAX6304.
__________________Pin Configuration
1
2
8
7
VCC
RESET (RESET)
WDI
WDS
RESET IN
GND
SRT
SWT
MAX6301
MAX6302
MAX6303
MAX6304
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
( ) ARE FOR MAX6302/MAX6304.
__________Typical Operating Circuit
19-1078; Rev 0; 6/96
PART
MAX6301CPA
MAX6301CSA
MAX6301CUA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 µMAX
______________Ordering Information
Ordering Information continued at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX6301EPA
MAX6301ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
_____________________Selector Guide
FEATURE
MAX6301 MAX6302 MAX6303 MAX6304
Active-Low
Reset


Active-High
Reset


Open-Drain
Reset Output


Push/Pull
Reset Output


Pins-Package
8-DIP/SO/
µMAX
8-DIP/SO/
µMAX
8-DIP/SO/
µMAX
8-DIP/SO/
µMAX
* Patents pending


Similar Part No. - MAX6301CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301CUA MAXIM-MAX6301CUA Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
More results

Similar Description - MAX6301CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX16056 MAXIM-MAX16056 Datasheet
777Kb / 16P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX16056 MAXIM-MAX16056_13 Datasheet
749Kb / 17P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com