Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF90DPB23-H1S2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF90DPB23-H1S2A
Description  AC BLOWERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF90DPB23-H1S2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF90DPB23-H1S2A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF90DPB12-H1S2A
115
60
18
0.21
0.26
2,700
0.60
21
13
0.50
51
0.66
UF90DPB23-H1S2A
230
60
18
0.10
0.12
2,700
0.60
21
13
0.50
51
0.66
(120 x 120 x 37 mm)
4.72 x 4.72 x 1.46 inches
Features:
single inlet blower
Operating voltage: 115 or 230 VAC
Operating temp.
-40° ~ 60°C
Construction:
aluminum die cast motor base;
UL94V-0 reinforced nylon
impeller
Bearing option:
ball bearing
Motor:
shaded pole
Air Flow:
centrifugal
Connection:
UL1332 26AWG lead wires
Protection:
thermal
0
5.0
10.0
AIR FLOW (CFM)
15.0
25.0
0.10
0.20
0.30
0.40
0.50
0.60
20.0
H
UF90DPB series
AIR OUT
Rotation
AIR IN
M4
M4
0.08
(2)
1.47 ±0.02
(37.2 ±0.5)
UL 1332 26AWG
1.22
(31)
0.24
(6)
0.62
(15.8)
AIR IN
AIR OUT
12.16.14


Similar Part No. - UF90DPB23-H1S2A

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF90DPB23-H1S2A MECHATRONICS-UF90DPB23-H1S2A Datasheet
377Kb / 1P
   AC BLOWERS
More results

Similar Description - UF90DPB23-H1S2A

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF160DPB MECHATRONICS-UF160DPB Datasheet
421Kb / 1P
   AC BLOWERS
logo
List of Unclassifed Man...
UF133(91)APA12-H1S2A ETC2-UF133(91)APA12-H1S2A Datasheet
489Kb / 1P
   AC BLOWERS
UF160DPB12-H1S2A ETC2-UF160DPB12-H1S2A Datasheet
430Kb / 1P
   AC BLOWERS
logo
Mechatronics, Inc.
UF90DPB MECHATRONICS-UF90DPB Datasheet
377Kb / 1P
   AC BLOWERS
UF133-72 MECHATRONICS-UF133-72 Datasheet
623Kb / 1P
   AC BLOWERS
UF133-91-APA MECHATRONICS-UF133-91-APA Datasheet
489Kb / 1P
   AC BLOWERS
logo
ETRI
620CAZ016DC13 ETRI-620CAZ016DC13 Datasheet
137Kb / 1P
   AC Centrifugal Blowers
621CAU016DC13 ETRI-621CAU016DC13 Datasheet
144Kb / 1P
   AC Centrifugal Blowers
711CHB016DC13 ETRI-711CHB016DC13_16 Datasheet
247Kb / 1P
   AC Centrifugal Blowers
608COV016DC13 ETRI-608COV016DC13_16 Datasheet
291Kb / 1P
   AC Centrifugal Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com