Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6150EUR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6150EUR
Description  SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6150EUR Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6150EUR Datasheet HTML 1Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 2Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 3Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 4Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 5Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 6Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 7Page - Maxim Integrated Products MAX6150EUR Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
__________________________________________Typical Operating Characteristics
(VIN = VIN(MIN), IOUT = 0mA, TA = +25°C, unless otherwise noted.)
40
2
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE ( V)
50
60
70
80
90
100
46
8
10
12
14
VALID OVER VIN(MIN) TO VIN(MAX)
FOR EACH PART
110
-50
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
10
20
30
40
50
70
60
80
90
100
-25
0
25
50
75
100
VIN = 10V
VIN = 3V
VIN = 5V
0
-50
LOAD REGULATION (SOURCING)
vs. TEMPERATURE
TEMPERATURE (°C)
0.2
0.4
0.6
0.8
1.0
-25
0
25
50
75
100
VOUT = 5.0V (MAX6150)
VOUT = 4.096V (MAX6141)
VOUT = 2.5V (MAX6125/MAX6160)
VOUT = 4.5V (MAX6145)
SOT23, Low-Cost, Low-Dropout,
3-Terminal Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6160
(VIN = 2.7V; IOUT = 0mA; R1 = 215kΩ ±0.1%, R2 = 208kΩ ±0.1% (circuit of Figure 1); TA = +25°C; unless otherwise noted.) (Notes 1, 2)
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
ISINK = 0mA to 1mA
ISOURCE = 0mA to 1mA
0.1Hz to 10Hz
10Hz to 10kHz
VIN = 2.7V to 12.6V, TA = TMIN to TMAX
VIN = 2.7V to 12.6V
CONDITIONS
µA/V
1.7
6
∆IQ/∆VIN
Change in Supply Current
vs. Change in Input Voltage
V
2.450
2.550
VOUT
Output Voltage
2.475
2.500
2.525
V
2.7
12.6
VIN
Supply Voltage
µA
130
IQ
Quiescent Supply Current
75
100
mV/mA
1.15
10
∆VOUT/∆IOUT
Load Regulation
0.35
1
V
1.23
VADJ
ADJ Feedback Voltage Threshold
15
µVp-p
500
en
Output Voltage Noise
µV/V
150
∆VOUT/∆VIN
Line Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: All devices are 100% production tested at TA = +25°C, and are guaranteed by design for TA = TMIN to TMAX as specified.
Note 2: R1 and R2 program the output voltage in the 1.23V to (VIN - 0.2V) range (see the section Setting the MAX6160 Output Voltage).
TA = TMIN to TMAX
V
1.23
VIN - 0.2
Output Voltage Range
TA = TMIN to TMAX
ppm/°C
15
100
TCVOUT
Output Voltage
Temperature Coefficient
VADJ = 1.23V
nA
70
IADJ
ADJ Input Current


Similar Part No. - MAX6150EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6150 MAXIM-MAX6150 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results

Similar Description - MAX6150EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com