Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF12A23-__H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UF12A23-__H
Description  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UF12A23-__H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UF12A23-__H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
.40
.35
.30
.20
.15
.05
020406080
120
AIR FLOW (CFM)
.25
.10
100
L
M
H
SL
S
L
M
H
UF12A series
LEAD WIRE TYPE
4.69 ±0.02
(120 ±0.5)
4.12 ±0.01
(104.8 ±0.3)
ø0.17 ±0.01
(ø4.3 ±0.2)
Nom. 11.8
(300)
1.50 ±0.02
(38 ±0.5)
0.16
(4)
TERMINAL TYPE
ø4.49 ±0.02
(ø114 ±0.5)
0.12
(3)
0.33
(8.5)
0.31
(8)
(120 x 120 x 38 mm)
4.69 x 4.69 x 1.5 inches
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
UL94V-0 PBT impeller
Bearing option:
ball bearing or sintered bronze
sleeve
Motor:
shaded pole
Air Flow:
exhaust over struts
Connection:
terminal or 22 AWG lead wire
Protection:
impedance
Option:
dual voltage 115/130VAC; IP55;
IP55 + salt fog
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF12A12-_ _H
115
60
12
0.16
0.23
3,100
3.0
106
8.7
0.35
46
0.53
UF12A23-_ _H
230
60
15
0.08
0.12
3,100
3.0
106
8.7
0.35
46
0.53
UF12A12-_ _M
115
60
12
0.17
0.19
2,750
2.6
92
7.0
0.28
42
0.53
UF12A23-_ _M
230
60
15
0.08
0.09
2,750
2.6
92
7.0
0.28
42
0.53
UF12A12-_ _L
115
60
12
0.15
0.16
2,300
2.3
81
4.0
0.16
38
0.53
UF12A23-_ _L
230
60
15
0.07
0.08
2,300
2.3
81
4.0
0.16
38
0.53
UF12A12-_ _S
115
60
8
0.08
0.09
2,100
1.8
64
2.8
0.11
37
0.53
UF12A23-_ _S
230
60
8
0.04
0.05
2,100
1.8
64
2.8
0.11
37
0.53
UF12A12-_ _SL
115
60
6
0.06
0.07
1,800
1.6
57
2.3
0.09
36
0.53
UF12A23-_ _SL
230
60
6
0.03
0.04
1,800
1.6
57
2.3
0.09
36
0.53
12.15.14


Similar Part No. - UF12A23-__H

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF12A23-XXH MECHATRONICS-UF12A23-XXH Datasheet
601Kb / 1P
   AC AXIAL FANS
More results

Similar Description - UF12A23-__H

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com