Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6160EUS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6160EUS
Description  SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6160EUS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6160EUS Datasheet HTML 1Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 2Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 3Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 4Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 5Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 6Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 7Page - Maxim Integrated Products MAX6160EUS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SOT23, Low-Cost, Low-Dropout,
3-Terminal Voltage References
________________________________________________________________________________________
5
0
-50
LOAD REGULATION (SINKING)
vs. TEMPERATURE
TEMPERATURE (°C)
0.5
1.0
1.5
2.0
2.5
-25
0
25
50
75
100
VOUT = 5.0V (MAX6150)
VOUT = 4.096V (MAX6141)
VOUT = 2.5V (MAX6125/MAX6160)
VOUT = 4.5V (MAX6145)
2.496
0
MAX6125/MAX6160
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (mA)
2.497
2.498
2.499
2.500
2.501
0.5
1.0
1.5
2.0
2.5
4.092
0
MAX6141
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (mA)
4.093
4.094
4.095
4.096
4.097
0.5
1.0
1.5
2.0
2.5
4.496
0
MAX6145
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (mA)
4.499
4.498
4.497
4.500
4.501
0.5
1.0
1.5
2.0
2.5
70
-50
MAX6125/MAX6160
DROPOUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
100
90
80
110
IOUT = 1mA
120
-25
0
25
50
75
100
4.996
0
MAX6150
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (mA)
4.999
4.998
4.997
5.000
5.001
0.5
1.0
1.5
2.0
2.5
0
0.0
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
50
100
150
200
250
300
350
400
0.5
1.0
1.5
2.5
2.0
3.5
3.0
4.0
80
-50
MAX6141/MAX6145/MAX6150
DROPOUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
84
88
92
96
100
-25
0
25
50
75
100
IOUT = 1mA
0
-50
MAX6160
ADJ INPUT CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
40
60
80
100
120
-25
0
25
50
75
100
VIN = 2.7V
VADJ = 1.23V
____________________________Typical Operating Characteristics (continued)
(VIN = VIN(MIN), IOUT = 0mA, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6160EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6160 MAXIM-MAX6160 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results

Similar Description - MAX6160EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com