Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3837 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3837
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3837 Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3837_15 Datasheet HTML 1Page - Unisonic Technologies UC3837_15 Datasheet HTML 2Page - Unisonic Technologies UC3837_15 Datasheet HTML 3Page - Unisonic Technologies UC3837_15 Datasheet HTML 4Page - Unisonic Technologies UC3837_15 Datasheet HTML 5Page - Unisonic Technologies UC3837_15 Datasheet HTML 6Page - Unisonic Technologies UC3837_15 Datasheet HTML 7Page - Unisonic Technologies UC3837_15 Datasheet HTML 8Page - Unisonic Technologies UC3837_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UC3837
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R103-069.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C, VDD =16V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
23
V
Input Voltage to FB Pin
VFB
-0.3 ~ 7
V
Input Voltage to CS Pin
VSENSE
-0.3 ~ 7
V
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
10 ~ 22
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=16V,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VDD = VDD(ON)-0.1V
5
20
μA
IC Operating current
IOP
VFB=3.5V
3.2
5
mA
VDD Zener Clamp Voltage
VCLAMP
IDD=10mA
23
24.6
26
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
13
14.5
15.5
V
Min. Operating Voltage
VDD(MIN)
7.5
8.5
9.5
V
Hysteresis
VDD(HY)
5.4
V
CONTROL SECTION
VFB Open Loop Voltage Level
VFB-OPEN
5
V
PWM Input Gain
AVCS
∆VFB/∆VCS
3
V/V
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.1
V
Reduce-Frequency end FB Voltage
VFB(END)
VSENSE =0
1.8
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
0.9
V
Normal
VFB=3.5V, hopping Rang
55
65
75
KHz
Switch Frequency
Power-Saving
FSW
Before enter burst mode
20
22
25
KHz
Duty Cycle
DMAX
VFB=3.5V, VSENSE=0
75
%
Frequency Hopping
FJ(SW)
-4
+4
%
Frequency VDD Stability
FDV
VDD=12V~20V
5
%
Frequency Temperature Stability
FDT
T=-20~100°C
1.5
5
%
Feedback Resistor
RFB
11
KΩ
PROTECTION SECTION
VCC Over Voltage Protection Threshold
VOVP
VFB=4.2V
26
V
FB PIN Over Load Protection Threshold
VOLP
4.4
4.7
5.0
V
Over Load Protection Delay-Time
TDelay
55
mS
Soft start time
TSS
4
mS
CURRENT LIMITING SECTION
Peak Current Threshold Voltage
VCS
VFB=3.5V, Duty=0%
0.6
0.65
0.7
V
Lead Edge Blanking Time
TLEB
400
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16V,IO=-20mA
0.8
V
Output Voltage High State
VOH
VDD=16V,IO= 20mA
10
V
Output Voltage Rise Time
tR
CL=1.0nF
100
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns
BNO SECTION
Threshold voltage for BNO
VTH_BNO
0.95
1.0
1.05
V


Similar Part No. - UC3837_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3837G-AG6-R UTC-UC3837G-AG6-R Datasheet
366Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837L UTC-UC3837L Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837L-AG6-R UTC-UC3837L-AG6-R Datasheet
366Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837LG-AG6-R UTC-UC3837LG-AG6-R Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837L UTC-UC3837L_16 Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3837_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com