Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1715-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC1715-SP
Description  COMPLIMENTARY SWITCH FET DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1715-SP Datasheet(HTML) 1 Page - Texas Instruments

  UC1715-SP Datasheet HTML 1Page - Texas Instruments UC1715-SP Datasheet HTML 2Page - Texas Instruments UC1715-SP Datasheet HTML 3Page - Texas Instruments UC1715-SP Datasheet HTML 4Page - Texas Instruments UC1715-SP Datasheet HTML 5Page - Texas Instruments UC1715-SP Datasheet HTML 6Page - Texas Instruments UC1715-SP Datasheet HTML 7Page - Texas Instruments UC1715-SP Datasheet HTML 8Page - Texas Instruments UC1715-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
W PACKAGE
(TOP VIEW)
UC1715-SP
www.ti.com
SLUSAU8 – MAY 2013
COMPLIMENTARY SWITCH FET DRIVERS
Check for Samples: UC1715-SP
1
FEATURES
Single Input (PWM and TTL Compatible)
High Current Power FET Driver,
1-A Source/2-A Sink
Auxiliary Output FET Driver,
0.5-A Source/1-A Sink
Time Delays Between Power and Auxiliary
Outputs Independently Programmable from
50 ns to 700 ns
Time Delay or True Zero-Voltage Operation
Independently Configurable for Each Output
Switching Frequency to 1 MHz
Typical 50-ns Propagation Delays
ENBL Pin Activates 220-
μA Sleep Mode
Power Output is Active Low in Sleep Mode
Synchronous Rectifier Driver
XXX
XXX
DESCRIPTION
The UC1715 is a high speed driver designed to provide drive waveforms for complementary switches.
Complementary switch configurations are commonly used in synchronous rectification circuits and active
clamp/reset circuits, which can provide zero voltage switching. In order to facilitate the soft switching transitions,
independently programmable delays between the two output waveforms are provided on this driver. The delay
pins also have true zero voltage sensing capability which allows immediate activation of the corresponding switch
when zero voltage is applied. This device requires a PWM-type input to operate and can be interfaced with
commonly available PWM controllers.
ORDERING INFORMATION(1)
TJ
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
CFP (W)
5962-0052102VFA
5962-0052102VFA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC1715-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1715 TI-UC1715 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715 TI1-UC1715 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715 TI1-UC1715 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715J TI1-UC1715J Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715J TI1-UC1715J Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Similar Description - UC1715-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
logo
Seme LAB
MHQ6002 SEME-LAB-MHQ6002 Datasheet
259Kb / 3P
   QUAD COMPLIMENTARY TRANSISTORS
logo
MAKO SEMICONDUCTOR CO.,...
PXT8550 MAKOSEMI-PXT8550 Datasheet
101Kb / 2P
   Complimentary to PXT8050
SS8550 MAKOSEMI-SS8550 Datasheet
87Kb / 2P
   Complimentary to SS8050
PXT8050 MAKOSEMI-PXT8050 Datasheet
99Kb / 2P
   Complimentary to PXT8550
SS8050 MAKOSEMI-SS8050 Datasheet
82Kb / 2P
   Complimentary to SS8550
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
BSS8402DW PANJIT-BSS8402DW_14 Datasheet
276Kb / 8P
   COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com