Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1451G-D16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL1451G-D16-T
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451G-D16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  TL1451G-D16-T Datasheet HTML 1Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 2Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 3Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 4Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 5Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 6Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 7Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 8Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL1451
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 14
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-011.F
DUAL
PULSE-WIDTH-MODULATION
CONTROL CIRCUITS
DESCRIPTION
The UTC TL1451 incorporates on a single monolithic chip all
the
functions
required
in
the
construction
of
two
pulse-width-modulation (PWM) control circuits. Designed primarily
for power supply control, the UTC TL1451 contains an on-chip
2.5V regulator, two error amplifiers, an adjustable oscillator, two
dead-time comparators, undervoltage lockout circuitry, and dual
common –emitter output transistor circuits.
FEATURES
*Complete PWM power control circuitry
*Completely synchronized operation
*Internal undervoltage lockout protection
*Wide supply voltage range
*Internal Short-Circuit protection
*Oscillator frequency 500kHz max
*Variable dead time provides control over total range
*Internal regulator provides a stable 2.5V reference supply
DIP-16
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
TL1451L-D16-T
TL1451G-D16-T
DIP-16
Tube
-
TL1451G-P16-R
TSSOP-16
Tape Reel
-
TL1451G-S16-R
SOP-16
Tape Reel
MARKING
DIP-16
SOP-16 / TSSOP-16


Similar Part No. - TL1451G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL1451G-D16-T UTC-TL1451G-D16-T Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL1451G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com