Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37C75 Datasheet(PDF) 10 Page - Texas Instruments

Part # TRF37C75
Description  TRF37C75 40-4000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37C75 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF37C75_15 Datasheet HTML 6Page - Texas Instruments TRF37C75_15 Datasheet HTML 7Page - Texas Instruments TRF37C75_15 Datasheet HTML 8Page - Texas Instruments TRF37C75_15 Datasheet HTML 9Page - Texas Instruments TRF37C75_15 Datasheet HTML 10Page - Texas Instruments TRF37C75_15 Datasheet HTML 11Page - Texas Instruments TRF37C75_15 Datasheet HTML 12Page - Texas Instruments TRF37C75_15 Datasheet HTML 13Page - Texas Instruments TRF37C75_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
22
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
OP1dB
NF
C017
TRF37C75
SLASE22 – MAY 2014
www.ti.com
8.2.3 Application Curves
Figure 14. OP1dB and NF vs Frequency
9 Power Supply Recommendations
All supplies may be generated from a common nominal 5 V source but should be isolated through decoupling
capacitors placed close to the device. The typical application schematic in Figure 13 is an excellent example.
Select capacitors with self-resonant frequency near the application frequency. When multiple capacitors are used
in parallel to create a broadband decoupling network, place the capacitor with the higher self-resonant frequency
closer to the device. Expensive tantalum capacitors are not needed for optimal performance.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TRF37C75


Similar Part No. - TRF37C75_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C75IDSGR TI1-TRF37C75IDSGR Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
TRF37C75IDSGT TI1-TRF37C75IDSGT Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
More results

Similar Description - TRF37C75_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
TRF37B75 TI1-TRF37B75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
TRF37B75 TI-TRF37B75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37B75 40-4000 MHz RF Gain Block
logo
BeRex Corporation
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_18 Datasheet
637Kb / 10P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
   30-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com