Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1596 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P1596
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596 Datasheet(HTML) 2 Page - Unisonic Technologies

  P1596_15 Datasheet HTML 1Page - Unisonic Technologies P1596_15 Datasheet HTML 2Page - Unisonic Technologies P1596_15 Datasheet HTML 3Page - Unisonic Technologies P1596_15 Datasheet HTML 4Page - Unisonic Technologies P1596_15 Datasheet HTML 5Page - Unisonic Technologies P1596_15 Datasheet HTML 6Page - Unisonic Technologies P1596_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P1596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R103-027.L
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220-5
TO-220B
TO-263-5
25:2.5V
33:3.3V
50:5.0V
12:12V
AD:ADJ
HSOP-8
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN NO.
PIN NAME
DESCRITION
FOR TO-220-5, TO-220B, TO-263-5
1
VIN
Operating voltage input
2
SW
Switching output
3
GND
Ground
4
FB
Feedback voltage
5
EN
ON/OFF shutdown
FOR HSOP-8
PIN NO.
PIN NAME
DESCRITION
1
VIN
Operating voltage input
2
SW
Switching output
3
FB
Feedback input
4
EN
Enable pin
5, 6, 7, 8
GND
Ground


Similar Part No. - P1596_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1596-25-G04-K UTC-P1596-25-G04-K Datasheet
223Kb / 8P
   150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1596-25-TA5-T UTC-P1596-25-TA5-T Datasheet
223Kb / 8P
   150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1596-25-TB5-T UTC-P1596-25-TB5-T Datasheet
223Kb / 8P
   150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1596-25-TN5-R UTC-P1596-25-TN5-R Datasheet
223Kb / 8P
   150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1596-25-TN5-T UTC-P1596-25-TN5-T Datasheet
223Kb / 8P
   150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results

Similar Description - P1596_15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com